Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC4558G-P08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # MC4558G-P08-R
Description  DUAL OPERATIONAL AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC4558G-P08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  MC4558G-P08-R Datasheet HTML 1Page - Unisonic Technologies MC4558G-P08-R Datasheet HTML 2Page - Unisonic Technologies MC4558G-P08-R Datasheet HTML 3Page - Unisonic Technologies MC4558G-P08-R Datasheet HTML 4Page - Unisonic Technologies MC4558G-P08-R Datasheet HTML 5Page - Unisonic Technologies MC4558G-P08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC4558
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R105-002.J
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage
VCC
±22
V
Differential input voltage
VI(DIFF)
±18
V
Power Dissipation
DIP-8
PD
600
mW
SOP-8
400
mW
TSSOP-8
300
mW
SIP-9
750
mW
MSOP-8
250
mW
Input Voltage
VIN
±15
V
Junction Temperature
TJ
+125
°C
Operating Temperature
TOPR
-20 ~ +85
C
Storage Temperature
TSTG
-40 ~ +150
C
Note 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The device is guaranteed to meet performance specification within 0
C ~ +70C operating temperature
range and assured by design from -20
C ~ +85C.
ELECTRICAL CHARACTERISTICS (TA=25C, VCC=15V, VEE=-15V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Current, all Amp, no load
ICC
2.3
4.5
mA
Input offset voltage
VI(OFF)
RS<10kΩ
2
6
mV
Input offset current
II(OFF)
5
200
nA
Input bias current
II(BIAS)
30
500
nA
Large signal voltage gain
Gv
Vo(p-p)=±10V, RL
≦ 2kΩ
20
200
V/mV
Common Mode Input Voltage Range
VI(COM)
±12
±13
V
Common Mode Rejection Ratio
RR(COM) RS≦ 10kΩ
70
90
dB
Supply Voltage Rejection Ratio
RR(VCC) RS≦ 10kΩ
76
90
dB
Output Voltage swing
VO(p-p)
RL>=10kΩ
±12
±14
V
Power Consumption
PC
70
170
mV
Slew Rate
SR
VIN=±10V, RL
≧ 2kΩ, CL≦ 100pF
1.2
2.2
V/μs
Rise Time
TRIS
VIN=±20mV, RL
≧ 2kΩ, CL≦ 100pF
0.3
μs
Overshoot
OS
VIN=±20mV, RL
≧ 2kΩ, CL≦ 100pF
15
%
Input Resistance
RIN
0.3
2
MΩ
Output Resistance
ROUT
75
Ω
Total Harmonic Distortion
THD
f=1kHz, Av=20dB, RL=2kΩ,
VOUT=2Vpp, CL=100pF
0.008
%
Channel Separation
VO1/VO2
120
dB
FREQUENCY CHARACTERISTIC
Unity Gain Bandwidth
BW
2.0
2.8
MHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com