Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC4558G-P08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # MC4558G-P08-R
Description  DUAL OPERATIONAL AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC4558G-P08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  MC4558G-P08-R Datasheet HTML 1Page - Unisonic Technologies MC4558G-P08-R Datasheet HTML 2Page - Unisonic Technologies MC4558G-P08-R Datasheet HTML 3Page - Unisonic Technologies MC4558G-P08-R Datasheet HTML 4Page - Unisonic Technologies MC4558G-P08-R Datasheet HTML 5Page - Unisonic Technologies MC4558G-P08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MC4558
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R105-002.J
TYPICAL CHARACTERISTICS
0
20
40
60
80
100
120
140
Frequency (Hz)
10
100
10
5
10
3
10
4
10
6
Gv=10
Rs=100k
10
10
2
10
36
10
10
-1
1
10
10
4
10
5
10
-2
Gv=1000
Gv=100
Gv=10
Gv=1
10
10
2
10
3
6
10
10
4
10
5
1
10
10
2
10
3
10
10
2
10
2
6
10
10
4
10
5
0.1
1
10
10
3
0
20
40
60
80
100
120
140
Frequency (Hz)
-20
10
100
10
5
10
3
10
4
10
6
110
7
10
100
10
5
10
3
10
4
10
6
110
7
Frequency (Hz)
0
20
40
60
80
100
120
140
160
180
Rs (
)
Burst Noise vs Rs
Rs (
)
RMS Noise vs Rs
Output Noise vs Rs
Spectral Noise Density
Rs (
)
Phase Margin vs Frequency
Open loop frequency response
BW=1.0Hz To 1.0KHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com