Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34072G-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # MC34072G-S08-R
Description  HIGH SLEW RATE, WIDE BANDWIDTH , SINGLE SUPPLY OPERATIONAL AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC34072G-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  MC34072G-S08-R Datasheet HTML 1Page - Unisonic Technologies MC34072G-S08-R Datasheet HTML 2Page - Unisonic Technologies MC34072G-S08-R Datasheet HTML 3Page - Unisonic Technologies MC34072G-S08-R Datasheet HTML 4Page - Unisonic Technologies MC34072G-S08-R Datasheet HTML 5Page - Unisonic Technologies MC34072G-S08-R Datasheet HTML 6Page - Unisonic Technologies MC34072G-S08-R Datasheet HTML 7Page - Unisonic Technologies MC34072G-S08-R Datasheet HTML 8Page - Unisonic Technologies MC34072G-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MC34072
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 11
www.unisonic.com.tw
QW-R105-007.F
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Power Supply Current (Per
Amplifier, No Load)
ID
VCC=+5.0V,VEE=0V, VOUT =+2.5V,
Ta=+25
C
1.6
2.0
mA
VCC=+15.0V,VEE=-15V,
VOUT =0V,Ta=+25C
1.9
2.5
mA
VCC=+15.0V,VEE=-15V,
VOUT =0V, Ta=0C to 70C
2.8
mA
Slew Rate
SR
VIN=-10V to +10V, RL=2.0kΩ,
CL=500pF
Av=+1.0
8.0
10
V/μs
Av=-1.0
13
Setting Time
ts
10 Setp, Av=-1.0
to 0.1% (+1/2 LSB of 9-Bits)
to 0.01% (+1/2 LSB of 12-Bits)
1.1
2.2
s
Gain Bandwidth Product
GBW
f=100kHz
3.5
4.5
MHz
Power Bandwidth
BW
Av=+1.0, RL=2kΩ, VOUT=20Vpp, THD=5.0%
160
kHz
Phase Margin
fm
RL=2kΩ
60
Deg
RL=2kΩ, CL=300pF
40
Deg
Gain Margin
Am
RL=2kΩ
12
dB
RL=2kΩ, CL=300pF
4
dB
Equivalent Input Noise Voltage
eN
Rs=100Ω, f=1.0kHz
32
nV/
H
z
Equivalent Input Noise Current
eN
f=1.0kHz
0.22
pA/
H
z
Differential Input Resistance
RIN
VCM=0V
150
MΩ
Differential Input Capacitance
CIN
VCM=0V
2.5
pF
Total Harmonic distortion
THD
Av=+10,RL=2.0kHz,2.0VppVOUT20Vpp,
f=10kHz
0.02
%
Channel Separation
f=10kHz
120
dB
Open Loop Output Impedance
IZoI
f=1.0MHz
30
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com