Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34072G-S08-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # MC34072G-S08-R
Description  HIGH SLEW RATE, WIDE BANDWIDTH , SINGLE SUPPLY OPERATIONAL AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC34072G-S08-R Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button MC34072G-S08-R Datasheet HTML 3Page - Unisonic Technologies MC34072G-S08-R Datasheet HTML 4Page - Unisonic Technologies MC34072G-S08-R Datasheet HTML 5Page - Unisonic Technologies MC34072G-S08-R Datasheet HTML 6Page - Unisonic Technologies MC34072G-S08-R Datasheet HTML 7Page - Unisonic Technologies MC34072G-S08-R Datasheet HTML 8Page - Unisonic Technologies MC34072G-S08-R Datasheet HTML 9Page - Unisonic Technologies MC34072G-S08-R Datasheet HTML 10Page - Unisonic Technologies MC34072G-S08-R Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MC34072
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 11
www.unisonic.com.tw
QW-R105-007.F
TYPICAL CHARACTERISTICS(Cont.)
Open Loop Voltage Gain vs. Temperature
-55
-25
Ambient Temperature, TA (°C)
116
100
125
75
Open Loop Voltage Gain and Phase vs.
Frequency
80
20
Frequency, f (Hz)
100
100M
1.0k
0
104
112
60
1.0M
100k
10
25
96
1.0
Gain
100
50
0
108
VCC = +15V
VEE = -15V
VO = -10V ~ +10V
RL = 10k
1 ≤ 10Hz
10M
100
10k
40
Phase
Phase Margin = 60°
VCC = +15V
VEE = -15V
VO = 0V
RL = 2.0k
TA = 25°C
45
180
0
90
135



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com