Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35049 Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # M35049
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35049 Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

Back Button M35049 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M35049 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M35049 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M35049 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M35049 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M35049 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M35049 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M35049 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M35049 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
MITSUBISHI MICROCOMPUTERS
M35049-XXXFP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
7
DISPLAY RAM
Address 00016 to 11F16
Register
Status
Contents
Function
Remarks
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Set the displayed ROM character code.
To write data into page 0 (Note 2), select the data from the ROM
characters (256 types) for page 0 and set the character code. To
write data into page 1, do the same from the ROM characters (256
types) for page 1.
DA
Set display character
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
Set blinking
See register BLINK2 to BLINK0 (ad-
dress12816)
Set character background
(character unit)
Do not blink.
Blinking
BB
0
0
0
0
1
1
1
1
C0
C1
C2
C3
C4
C5
C6
C7
R
G
B
BLINK
BR
BG
BB
Set character color (character unit)
BR
0
1
0
1
0
1
0
1
BG
0
0
1
1
0
0
1
1
B
0
0
0
0
1
1
1
1
R
0
1
0
1
0
1
0
1
G
0
0
1
1
0
0
1
1
____
Notes 1. The display RAM is undefined state at the AC pin.
2. The display RAM consists of 2 pages, page 0 and page 1 (common address). The page in which data is written is controlled by the DAF bit. When
set to "0", data is written into page 0, whereas when set to "1", data is written into page 1.
Color
Black
Red
Green
Yellow
Blue
Magenta
Cyan
White
Color
Black
Red
Green
Yellow
Blue
Magenta
Cyan
White



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com