Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35049 Datasheet(PDF) 13 Page - Mitsubishi Electric Semiconductor

Part # M35049
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35049 Datasheet(HTML) 13 Page - Mitsubishi Electric Semiconductor

Back Button M35049 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M35049 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M35049 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M35049 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M35049 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M35049 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M35049 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M35049 Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M35049 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
MITSUBISHI MICROCOMPUTERS
M35049-XXXFP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
13
(6) Address 12516
LIN2
LIN3
LIN4
LIN5
LIN6
LIN7
LIN8
LIN9
V1SZ0
V1SZ1
VSZ1L0
VSZ1L1
VSZ1H0
VSZ1H1
TEST10
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
Register
DA
Status
Contents
Function
(Note 3)
Remarks
____
Notes 1. The mark
around the status value means the reset status by the "L" level is input to AC pin.
2. The page in which data is written is controlled by the DAF bit. When set to "0", data is written into page 0, whereas when set to "1", data is written
into page 1.
3. Registers marked with (Note 3) are found only in page 0, therefore the register value does not change when the DAF bit is set to "1".
Vertical direction dot size setting for
the 2nd line.
Vertical direction dot size setting for
the 3rd line.
Vertical direction dot size setting for
the 4th line.
Vertical direction dot size setting for
the 5th line.
Vertical direction dot size setting for
the 6th line.
Vertical direction dot size setting for
the 7th line.
Vertical direction dot size setting for
the 8th line.
Vertical direction dot size setting for
the 9th line.
Vertical direction dot size setting for
the 1st line.
(all lines are common)
Character dot line vertical direction dot
size setting for the 1st line (LINn = 0).
Character dot line vertical direction dot
size setting for the 1st line (LINn = 1).
H: Cycle with the horizontal synchronizing pulse
V1SZ1
0
0
1
1
V1SZ0
0
1
0
1
Vertical direction size
1H/dot
2H/dot
3H/dot
4H/dot
H: Cycle with the horizontal synchronizing pulse
VSZ1L1
0
0
1
1
VSZ1L0
0
1
0
1
Vertical direction size
1H/dot
2H/dot
3H/dot
4H/dot
H: Cycle with the horizontal synchronizing pulse
It should be fixed to “0”.
Can not be used.
VSZ1H1
0
0
1
1
VSZ1H0
0
1
0
1
Vertical direction size
1H/dot
2H/dot
3H/dot
4H/dot
1st line
2nd to 12th
line
LINn = “0”
LINn = “1”
Refer to VSZ1L0
and VSZ1L1
Refer to VSZ2L0
and VSZ2L1
Refer to VSZ1H0
and VSZ1H1
Refer to VSZ2H0
and VSZ2H1
The vertical dot size for line n in the character dot lines (18 vertical
lines) is set using LINn (n = 2 to 17).
Dot size can be selected between 2 types for each dot line.
For dot size, see the below registers. Line 1 and lines 2 to 12 can
be set independent of one another.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com