Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANT-GPS-SE-RPS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ANT-GPS-SE-RPS
Description  High-gain, low-noise design
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ANT-GPS-SE-RPS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ANT-GPS-SE-RPS Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rev 09-25-06
ANT-GPS-SE-xxx DATA SHEET
Product Dimensions
Description
Features
Electrical Specifications
Ordering Information
Compact
High-gain, low-noise design
Very low current consumption
Wide operating voltage
Wide operating temperature
Fully weatherized
Rugged & damage-resistant
Magnetic or screw mount
2.01”
(51.0)
2.13”
(54.0)
Center Freq.
Freq. Tolerance
Impedance
VSWR
Ant. Gain 90°
Polarization
System Gain
Noise
Input Voltage
Power Consum.
Oper. Temp.
Mounting
Cable
Cable Length
Connector
1575.42MHz
+/-1.1MHz
50 ohms
2 maximum
3.0dBi
RHCP
26-33dBi
1.8dB maximum
3.3-5.0 VDC
4-9mA
-40°F to +185°F (-40°C to +85°C)
Magnetic or screw
RG-174U
117” +/-6” (3m)
RP-SMA, SMA, MCX
ANT-GPS-SE-RPS (with RP-SMA connector)
ANT-GPS-SE-SMA (with SMA connector)
ANT-GPS-SE-MCX (with MCX connector)
0.55”
(14.0)
Linx SE GPS antennas deliver high-
gain and low-noise performance in a
rugged and cosmetically attractive
package. They feature a wide operating
temperature, wide operating voltage,
and very low current consumption. The
antennas attach via a standard SMA, Part 15 compliant RP-SMA,
or MCX connector
Bottom
Top
Side
1.10”
(28.0)
1.61”
(40.8)
0.51”
(13.0)
0.51”
(13.0)
0.20”
(5.1)
0.20”
(5.1)
2-M3/0.5*h2.5
Antenna Factor 159 Ort Lane Merlin, OR 97532 www.antennafactor.com
541-956-0931 (phone) 541-471-6251 (fax)


Similar Part No. - ANT-GPS-SE-RPS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-GPS-SH-MCX ETC2-ANT-GPS-SH-MCX Datasheet
156Kb / 1P
High-gain, low-noise design
ANT-GPS-SH-MMX ETC2-ANT-GPS-SH-MMX Datasheet
156Kb / 1P
High-gain, low-noise design
ANT-GPS-SH-SMA ETC2-ANT-GPS-SH-SMA Datasheet
156Kb / 1P
High-gain, low-noise design
More results

Similar Description - ANT-GPS-SE-RPS

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL19D ASB-ASL19D Datasheet
430Kb / 6P
High Gain, Low Noise Amplifier
October 2010
ASL54T8 ASB-ASL54T8 Datasheet
498Kb / 13P
High Gain, Low Noise Amplifier
June 2014
ASL5463 ASB-ASL5463 Datasheet
440Kb / 10P
High Gain, Low Noise Amplifier
June 2014
logo
List of Unclassifed Man...
ANT-GPS-SH-SMA ETC2-ANT-GPS-SH-SMA Datasheet
156Kb / 1P
High-gain, low-noise design
ANT-GPS-UC-SMA ETC2-ANT-GPS-UC-SMA Datasheet
222Kb / 1P
High-gain, low-noise design
logo
Inchange Semiconductor ...
2SC4227 ISC-2SC4227 Datasheet
172Kb / 8P
Low Noise, High Gain
2SC5064 ISC-2SC5064 Datasheet
326Kb / 7P
Low Noise and High Gain
logo
Advanced Semiconductor ...
ASL54T8 ASB-ASL54T8_17 Datasheet
664Kb / 16P
High Gain, Low Noise Amplifier
January 2017
AST54S ASB-AST54S_17 Datasheet
2Mb / 26P
High Gain, Low Noise Amplifier
April 2017
ASL5563 ASB-ASL5563 Datasheet
429Kb / 10P
High Gain, Low Noise Amplifier
January 2017
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com