Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS710 Datasheet(PDF) 5 Page - Solid State Optronic

Part # STS710
Description  Telecommunications Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

STS710 Datasheet(HTML) 5 Page - Solid State Optronic

  STS710 Datasheet HTML 1Page - Solid State Optronic STS710 Datasheet HTML 2Page - Solid State Optronic STS710 Datasheet HTML 3Page - Solid State Optronic STS710 Datasheet HTML 4Page - Solid State Optronic STS710 Datasheet HTML 5Page - Solid State Optronic STS710 Datasheet HTML 6Page - Solid State Optronic STS710 Datasheet HTML 7Page - Solid State Optronic STS710 Datasheet HTML 8Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
S
TS710
Multifunction
Telecommunications Switch
PERFORMANCE DATA
S
TS710 (Optocoupler Portion)
Collector-Emitter Saturation Voltage vs. Forward Current
N = 100, Ambient Temperature = 25°C
S
TS710 (Optocoupler Portion)
Current Transfer Ratio vs. Forward Current
N = 100, Ambient Temperature = 25°C
S
TS710 (Optocoupler Portion)
Collector Power Dissipation vs. Ambient Temperature
N = 100
S
TS710 (Optocoupler Portion)
Collector Dark Current vs. Ambient Temperature
N = 100
0
10
20
30
40
60
63
66
69
72
75
78
81
Breakdow n Voltage (V)
S
TS710 (Optocoupler Portion)
Typical Vceo Distribution
N = 100, Ambient Temperature = 25°C
S
TS710 (Optocoupler Portion)
Forward Current vs. Ambient Temperature
© 200
8 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page
5 of 8
S
TS710
rev 1.4
2 (1/11/2008)
Forward Current IF (mA)
Forward Current IF (mA)
Ambient Temperature Ta (°C)
Ambient Temperature Ta (°C)
N = 100, Ambient Temperature = 25°C
Ambient Temperature Ta (°C)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com