Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS710 Datasheet(PDF) 1 Page - Solid State Optronic

Part # STS710
Description  Telecommunications Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

STS710 Datasheet(HTML) 1 Page - Solid State Optronic

  STS710 Datasheet HTML 1Page - Solid State Optronic STS710 Datasheet HTML 2Page - Solid State Optronic STS710 Datasheet HTML 3Page - Solid State Optronic STS710 Datasheet HTML 4Page - Solid State Optronic STS710 Datasheet HTML 5Page - Solid State Optronic STS710 Datasheet HTML 6Page - Solid State Optronic STS710 Datasheet HTML 7Page - Solid State Optronic STS710 Datasheet HTML 8Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
STS710
Multifunction
Telecommunications Switch
The STS710 is a multi-function telecommunications switch. It combines a 1 Form A solid state relay, phototransistor, zener diode,
darlington transistor and a bridge rectifier in a 16-pin SOIC package.The solid state relay is comprised of an infrared LED optically
coupled to a Photo Diode Array that drives two back-to-back MOSFETs. The optocoupler consists of back-to-back infrared LEDs coupled
to a Photo-Transistor. Its small outline and low height make the STS710 an ideal choice in telecom circuits where function integration and
reduction of board space are essential.
DESCRIPTION
FEATURES
APPLICATIONS
OPTIONS/SUFFIXES*
SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS*
APPROVALS
Miniature 16pin SOIC package
•
Function integration, including Zener Diode protection
•
High Blocking Voltage (400V, relay portion)
•
Low input control current (2.5mA TYP, relay portion)
•
Low On-Resistance (30 ohms MAX, relay portion)
•
High Load Current (120mA MAX, relay portion)
•
High Input - Ouptut Isolation (1.5kV MIN, relay portion)
•
Long life / high reliability
•
Telecom switching
•
PCMCIA cards
•
Fax/modem modules
•
Set-top boxes
•
DAA arrangements
•
Hookswitch
•
Loop current detect
•
Pulse dialing
•
Tape & Reel Packaging
• -TR
NOTE: Suffixes listed above are not included in marking on
device for part number identification.
PARAMETER
UNIT
MIN
TYP
MAX
Storage Temperature
°C
-55
120
Operating Temperature
°C
-40
85
Continuous Input Current
mA
40
Transient Input Current
mA
400
Reverse Input Control
Voltage
V
6
Output Power Dissipation
mW
500
*The values indicated are absolute stress ratings. Functional operation of the
device is not implied at these or any conditions in excess of those defined in
electrical characteristics section of this document. Exposure to Absolute
Ratings may cause permanent damage to the device and may adversely
affect reliability.
BABT APPROVED TO (BSI) EN60950, (BSI) EN60065
•
www.ssousa.com • +1.408.293.4600
Page 1 of
8
STS710
rev 1.42 (1/11/2008)
© 2008 Solid State Optronics • San José, CA
UL/ C-UL Approved
•
IC
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Relay Output
(Form A Relay)
Relay Output
Input -/+ (Bridge Rectifier)
Base
(Darlington)
Emitter
(Darlington)
Bridge Output + / Collector (Darlington)
Zener Diode (cathode)
Bridge Output -
Zener Diode (anode)
LED – Phototransistor -/+
LED – Phototransistor +/-
N/C
+ Input LED
(Form A Relay)
- Input LED
(Form A Relay)
N/C
N/C
N/C
Collector (Phototransistor)
Emitter (Phototransistor)


Similar Part No. - STS710

ManufacturerPart #DatasheetDescription
logo
Solid State Inc
STS710 SOLIDSTATE-STS710 Datasheet
448Kb / 8P
Miniature 16pin SOIC package
More results

Similar Description - STS710

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LTFD101-1 LITTELFUSE-LTFD101-1 Datasheet
373Kb / 1P
LTFD 101 Series Telecommunications Disconnect Switch
logo
List of Unclassifed Man...
STS750 ETC1-STS750 Datasheet
143Kb / 5P
Multifunction Telecommunications Switch
logo
Solid State Optronic
STS100 SSOUSA-STS100 Datasheet
130Kb / 4P
Multifunction Telecommunications Switch
STS700 SSOUSA-STS700 Datasheet
154Kb / 5P
Multifunction Telecommunications Switch
STS750 SSOUSA-STS750 Datasheet
144Kb / 5P
Multifunction Telecommunications Switch
TR115 SSOUSA-TR115 Datasheet
213Kb / 5P
Telecommunications Switch Optocoupler/1 Form A Relay
TR115-F1 SSOUSA-TR115-F1 Datasheet
187Kb / 5P
Telecommunications Switch Optocoupler/1 Form A Relay
logo
ISOCOM COMPONENTS
ISPA40 ISOCOM-ISPA40 Datasheet
217Kb / 2P
Telecommunications
logo
Z-Communications, Inc
PSA3345C-LF ZCOMM-PSA3345C-LF Datasheet
86Kb / 2P
Telecommunications
PSA3920C-LF ZCOMM-PSA3920C-LF Datasheet
73Kb / 2P
Telecommunications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com