Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX536AJC/D Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MX536AJC/D
Description  True RMS-to-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX536AJC/D Datasheet(HTML) 2 Page - Maxim Integrated Products

  MX536AJC/D Datasheet HTML 1Page - Maxim Integrated Products MX536AJC/D Datasheet HTML 2Page - Maxim Integrated Products MX536AJC/D Datasheet HTML 3Page - Maxim Integrated Products MX536AJC/D Datasheet HTML 4Page - Maxim Integrated Products MX536AJC/D Datasheet HTML 5Page - Maxim Integrated Products MX536AJC/D Datasheet HTML 6Page - Maxim Integrated Products MX536AJC/D Datasheet HTML 7Page - Maxim Integrated Products MX536AJC/D Datasheet HTML 8Page - Maxim Integrated Products MX536AJC/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
True RMS-to-DC Converters
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—MX536A
(TA = +25°C, +VS = +15V, -VS = -15V, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage: Dual Supplies (MX536A) ............................±18V
(MX636) .............................±12V
Single Supply (MX536A) ...........................+36V
(MX636) .............................+24V
Input Voltage (MX536A).......................................................±25V
(MX636) .........................................................±12V
Power Dissipation (Package)
Plastic DIP (derate 12mW/°C above +75°C) ...............450mW
Small Outline (derate 10mW/°C above +75°C)............400mW
Ceramic (derate 10mW/°C above +75°C) ...................500mW
TO-100 metal can (derate 7mW/°C above +75°C) ......450mW
Output Short-Circuit Duration ........................................Indefinite
Operating Temperature Ranges
Commercial (J, K) ...............................................0°C to +70°C
Military (S) ......................................................-55°C to +125°C
Storage Temperature Range .............................-55°C to +150°C
Lead Temperature (soldering, 10sec)................................300°C
MX536AJ, AS
TMIN to +70°C
+70°C to +125°C
MHz
2.3
±3dB Bandwidth
450
kHz
90
120
Bandwidth for 1%
Additional Error (0.09dB)
45
kHz
5
-1.0
Additional Error
-0.1
% of
Reading
Specified Accuracy
±2 ±0.1
Total Error, External Trim
(Note 1)
mV ±% of
Reading
±3 ±0.3
±2 ±0.2
Total Error, Internal Trim (Note 1)
mV ±% of
Reading
±5 ±0.5
VOUT = [avg. (VIN)2] 1/2
Transfer Equation
±0.1
Total Error vs. DC Reversal
% of
Reading
±0.2
mV ±% of
Reading/V
±0.1 ±0.01
Total Error vs. Supply
Total Error vs. Temperature
mV ±% of
Reading/°C
±0.1 ±0.01
±0.05 ±0.005
±0.1 ±0.005
±0.03 ±0.005
UNITS
MIN
TYP
MAX
PARAMETER
VIN = 1V
VIN = 100mV
VIN = 10mV
MX536AK
VIN = 1V
VIN = 100mV
MX536AJ, AS
VIN = 10mV
Crest Factor = 7
Crest Factor = 3
Crest Factor 1 to 2
MX536AJ
MX536AK
MX536AS
MX536AK
MX536AS
MX536AJ, AS
CONDITIONS
MX536AK
Figure 3
ms/µF CAV
25
Averaging Time Constant
CONVERSION ACCURACY
ERROR vs. CREST FACTOR (Note 2)
FREQUENCY RESPONSE (Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com