Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX536AJC/D Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MX536AJC/D
Description  True RMS-to-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX536AJC/D Datasheet(HTML) 3 Page - Maxim Integrated Products

  MX536AJC/D Datasheet HTML 1Page - Maxim Integrated Products MX536AJC/D Datasheet HTML 2Page - Maxim Integrated Products MX536AJC/D Datasheet HTML 3Page - Maxim Integrated Products MX536AJC/D Datasheet HTML 4Page - Maxim Integrated Products MX536AJC/D Datasheet HTML 5Page - Maxim Integrated Products MX536AJC/D Datasheet HTML 6Page - Maxim Integrated Products MX536AJC/D Datasheet HTML 7Page - Maxim Integrated Products MX536AJC/D Datasheet HTML 8Page - Maxim Integrated Products MX536AJC/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
True RMS-to-DC Converters
_______________________________________________________________________________________
3
UNITS
MIN
TYP
MAX
CONDITIONS
PARAMETER
VRMS
0 to 7
±15V Supplies
Continuous RMS Peak Transient
±20
VPK
0 to 2
VRMS
Input Signal Range
±5V Supplies
Continuous RMS Peak Transient
±7
VPK
Safe Input
All Supplies
±25
VPK
Input Resistance
13.33
16.7
20.00
k
Ω
MX536AJ, AS
0.8
±2
mV
Input Offset Voltage
MX536AK
0.5
±1
MX536AJ
±1
±2
MX536AK
±0.5
±1
TA = +25°C
MX536AS
±2
mV
MX536AJ, AK
±0.1
TA = TMIN to TMAX
MX536AS
±0.2
mV/°C
MX536AJ, AK
±0.1
Offset Voltage
Supply Voltage
MX536AS
±0.2
mV/V
±15V Supplies
0 to 11
12.5
Output Voltage Swing
±5V Supplies
0 to 2
V
Source
5
mA
Output Current
Sink
-130
µA
Short Circuit Current
20
mA
Output Resistance
0.5
Ω
MX536AJ
±0.4
±0.6
dB
MX536AK
±0.2
±0.3
Error
VIN = 7mV to 7VRMS,
0dB = 1VRMS
MX536AS
±0.5
±0.6
Scale Factor
-3
mV/dB
Scale Factor TC (Uncompensated)
0.33
% of
Reading/°C
ELECTRICAL CHARACTERISTICS—MX536A (continued)
(TA = +25°C, +VS = +15V, -VS = -15V, unless otherwise noted.)
IREF
0dB = 1VRMS
5
20
80
µA
IREF Range
1
100
µA
IOUT Scale Factor
40
µA/VRMS
IOUT Scale Factor Tolerance
±10
±20
%
Output Resistance
20
25
30
k
Ω
Voltage Compliance
-VS to
(+VS - 2.5)
V
INPUT CHARACTERISTICS
OUTPUT CHARACTERISTICS
dB OUTPUT
IOUT TERMINAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com