Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA2098B Datasheet(PDF) 5 Page - United Monolithic Semiconductors

Part # CHA2098B
Description  20-40GHz High Gain Buffer Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2098B Datasheet(HTML) 5 Page - United Monolithic Semiconductors

  CHA2098B Datasheet HTML 1Page - United Monolithic Semiconductors CHA2098B Datasheet HTML 2Page - United Monolithic Semiconductors CHA2098B Datasheet HTML 3Page - United Monolithic Semiconductors CHA2098B Datasheet HTML 4Page - United Monolithic Semiconductors CHA2098B Datasheet HTML 5Page - United Monolithic Semiconductors CHA2098B Datasheet HTML 6Page - United Monolithic Semiconductors CHA2098B Datasheet HTML 7Page - United Monolithic Semiconductors CHA2098B Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
20-40GHz High Gain Buffer Amplifier
CHA2098b
Ref. : DSCHA20981233-21 Aug 01
5/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical Scattering Parameters (on Wafer)
Bias conditions: Vd=3.5V Vg=0V
Freq.
S11
S11
S12
S12
S21
S21
S22
S22
GHz
dB
/°
dB
/°
dB
/°
dB
/°
15
-18.37
116.1
-69.59
148.0
16.72
130.6
-7.99
77.7
16
-19.49
113.8
-65.95
154.4
18.13
102.0
-10.02
51.4
17
-20.63
113.4
-65.20
-158.1
18.90
73.7
-13.84
20.3
18
-22.15
114.4
-60.58
155.1
19.31
46.4
-16.29
-13.8
19
-24.36
120.5
-58.79
155.7
19.42
22.3
-19.17
-64.4
20
-26.49
140.0
-54.42
136.8
19.97
-1.6
-18.06
-99.8
21
-24.05
163.8
-51.83
127.3
19.63
-27.5
-16.16
-138.5
22
-22.26
156.6
-52.04
81.3
18.79
-46.8
-16.79
-168.8
23
-21.20
159.0
-60.55
107.0
18.65
-57.2
-17.79
168.2
24
-20.46
150.9
-54.03
100.6
19.86
-80.0
-18.36
-171.8
25
-20.57
148.8
-50.49
90.6
19.82
-102.7
-15.84
175.6
26
-20.37
145.4
-49.95
75.8
19.89
-121.3
-15.59
171.0
27
-20.01
141.8
-49.48
67.0
19.82
-142.0
-14.72
159.9
28
-20.38
136.9
-48.65
53.7
19.60
-161.3
-14.17
154.0
29
-20.51
132.4
-48.33
37.5
19.53
-179.4
-13.37
144.0
30
-21.26
127.2
-49.24
25.1
19.45
162.3
-12.84
131.6
31
-21.82
125.6
-47.95
22.8
19.64
144.2
-13.15
123.6
32
-22.62
129.0
-47.60
3.6
19.53
123.6
-12.50
114.6
33
-21.97
127.4
-48.30
-3.7
19.28
104.7
-12.28
102.1
34
-22.69
118.7
-45.57
-22.6
19.27
86.4
-11.93
93.5
35
-23.12
114.3
-47.53
-45.6
19.15
66.9
-11.82
79.2
36
-22.50
103.9
-48.92
-49.1
18.96
46.8
-12.13
67.7
37
-22.15
91.0
-48.07
-69.1
18.52
28.3
-12.07
58.5
38
-20.65
71.9
-49.33
-67.4
18.36
10.1
-11.87
47.6
39
-18.94
39.2
-46.75
-105.6
18.43
-9.4
-10.98
36.1
40
-17.28
8.4
-47.08
-108.5
18.34
-31.1
-10.60
19.8
41
-14.60
-18.5
-48.00
-134.6
17.82
-53.7
-10.11
6.4
42
-12.20
-40.3
-47.52
-160.4
17.39
-76.8
-9.83
-7.0
43
-10.21
-59.7
-46.21
160.6
16.75
-99.2
-9.28
-20.8
44
-8.25
-80.9
-49.74
147.7
15.88
-123.1
-8.54
-37.0
45
-6.83
-97.6
-48.99
136.5
14.64
-145.6
-8.12
-50.7
46
-5.68
-113.3
-53.12
32.5
13.15
-167.2
-7.61
-62.9
47
-4.73
-129.1
-50.08
-34.8
11.65
172.2
-7.25
-77.1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com