Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA2098B Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHA2098B
Description  20-40GHz High Gain Buffer Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2098B Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHA2098B Datasheet HTML 1Page - United Monolithic Semiconductors CHA2098B Datasheet HTML 2Page - United Monolithic Semiconductors CHA2098B Datasheet HTML 3Page - United Monolithic Semiconductors CHA2098B Datasheet HTML 4Page - United Monolithic Semiconductors CHA2098B Datasheet HTML 5Page - United Monolithic Semiconductors CHA2098B Datasheet HTML 6Page - United Monolithic Semiconductors CHA2098B Datasheet HTML 7Page - United Monolithic Semiconductors CHA2098B Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CHA2098b
RoHS COMPLIANT
Ref. : DSCHA20981233-21 Aug 01
1/8
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
20-40GHz High Gain Buffer Amplifier
GaAs Monolithic Microwave IC
Description
The CHA2098b is a high gain broadband three-
stage monolithic buffer amplifier. It is designed
for a wide range of applications, from military to
commercial
communication
systems. The
backside of the chip is both RF and DC grounds.
This helps simplify the assembly process.
The circuit is manufactured with a pHEMT
process, 0.25µm gate length, via holes through
the substrate, air bridges and electron beam
gate lithography.
It is available in chip form.
Main Features
■ Broadband performances: 20-40GHz
■ 16dBm output power (1dB gain comp)
■ 19dB ±1.5dB gain
■ Low DC power consumption, 150mA @ 3.5V
■ Chip size:
1.67 X 0.97 X 0.10mm
IN
OUT
Vd1
Vd2,3
Vg1
Vg2
Vg3
Typical on-wafer results
-25
-15
-5
5
15
25
10
15
20
25
30
35
40
45
Frequency ( GHz )
IN
OUT
Gain
Main Characteristics
Tamb. = 25°C
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range
20
40
GHz
G
Small signal gain
17
19
dB
P1dB
Output power at 1dB gain compression
13
16
dBm
Id
Bias current
150
200
mA
ESD Protection : Electrostatic discharge sensitive device. Observe handling precautions !


Similar Part No. - CHA2098B

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2098B UMS-CHA2098B Datasheet
106Kb / 8P
20-40GHz High Gain Buffer Amplifier
CHA2098B99F/00 UMS-CHA2098B99F/00 Datasheet
106Kb / 8P
20-40GHz High Gain Buffer Amplifier
More results

Similar Description - CHA2098B

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2094B UMS-CHA2094B Datasheet
111Kb / 8P
36-40GHz Low Noise High Gain Amplifier
CHA2097A UMS-CHA2097A Datasheet
120Kb / 8P
20-40GHz Variable Gain Amplifier
CHA2098B UMS-CHA2098B Datasheet
106Kb / 8P
20-40GHz High Gain Buffer Amplifier
CHA2098RBF UMS-CHA2098RBF Datasheet
163Kb / 6P
20-33GHz High Gain Buffer Amplifier
CHA3694 UMS-CHA3694 Datasheet
569Kb / 12P
31-40GHz Variable Gain Amplifier
CHA3694-QDG UMS-CHA3694-QDG Datasheet
419Kb / 10P
31-40GHz Variable Gain Amplifier
CHA2094B UMS-CHA2094B_15 Datasheet
128Kb / 8P
36-40GHz Low Noise High Gain Amplifier
CHA2097A UMS-CHA2097A_15 Datasheet
143Kb / 8P
20-40GHz Variable Gain Amplifier
CHA3694 UMS-CHA3694_15 Datasheet
327Kb / 12P
31-40GHz Variable Gain Amplifier
CHA3694-QDG UMS-CHA3694-QDG_15 Datasheet
513Kb / 16P
31-40GHz Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com