Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA2391 Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHA2391
Description  36-40GHz Very Low Noise Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2391 Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHA2391 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2391 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2391 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2391 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2391 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2391 Datasheet HTML 6Page - United Monolithic Semiconductors CHA2391 Datasheet HTML 7Page - United Monolithic Semiconductors CHA2391 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
36-40GHz Very Low Noise Amplifier
CHA2391
Ref. : DSCHA23912240 -28-Aug.-02
3/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical Results
Chip Typical Response (On wafer Sij)
Tamb = +25°C
Bias conditions: Vd = +4V, Id=45mA
Freq
GHz
MS11
dB
PS11
°
MS12
dB
PS12
°
MS21
dB
PS21
°
MS22
dB
PS22
°
10
-6,21
154,25
-62,67
-132,87
-22,58
67,85
-2,93
-143,42
12
-6,33
141,75
-57,99
-156,02
-16,83
50,10
-3,89
-164,87
14
-6,29
127,36
-55,17
173,41
-12,52
23,11
-4,95
178,26
16
-6,08
114,92
-55,88
168,49
-9,73
-5,37
-5,86
161,51
18
-5,84
101,82
-53,92
135,46
-7,54
-31,47
-7,18
144,01
20
-5,54
86,62
-51,45
138,48
-6,13
-55,85
-8,65
131,69
21
-5,43
78,44
-50,53
139,32
-5,41
-67,16
-9,65
127,30
22
-5,30
68,96
-49,42
132,07
-4,82
-77,06
-10,46
125,73
23
-5,29
58,88
-49,04
122,68
-4,06
-85,86
-11,18
124,83
24
-5,35
47,97
-49,34
123,59
-3,25
-94,05
-11,33
125,87
25
-5,54
35,38
-47,96
126,63
-2,19
-101,60
-11,19
124,77
26
-5,87
21,00
-46,55
123,65
-0,88
-110,55
-11,01
125,49
27
-6,47
3,87
-44,77
125,28
0,38
-119,43
-10,17
122,17
28
-7,39
-16,23
-43,13
124,81
1,88
-128,85
-9,43
117,25
29
-8,77
-41,92
-40,03
123,61
3,63
-138,80
-9,11
109,58
30
-10,69
-77,04
-37,67
115,28
5,50
-151,53
-8,70
103,41
31
-12,44
-127,88
-35,70
105,15
7,35
-166,04
-8,15
94,50
32
-12,19
170,79
-33,04
93,43
9,18
176,87
-7,69
83,88
33
-10,65
120,05
-31,11
75,77
10,75
158,36
-7,59
70,55
34
-9,85
82,96
-29,60
58,30
12,14
138,69
-7,80
56,02
35
-9,98
54,87
-28,64
42,10
13,37
117,54
-8,57
40,66
36
-10,94
33,47
-27,69
26,41
14,27
95,66
-9,80
25,19
37
-12,52
20,51
-26,89
9,83
14,95
73,24
-11,70
9,54
38
-13,72
17,24
-26,15
-5,87
15,28
51,13
-14,31
-4,52
39
-13,22
18,64
-25,53
-22,03
15,46
29,79
-17,89
-18,79
40
-11,65
9,29
-25,06
-38,88
15,53
8,33
-23,80
-30,52
41
-10,30
-3,86
-24,91
-56,23
15,40
-12,86
-51,61
-16,72
42
-8,90
-20,55
-24,74
-72,65
15,17
-32,98
-26,28
118,15
43
-7,51
-38,62
-24,62
-88,50
14,89
-52,97
-20,52
111,87
44
-6,22
-59,90
-24,63
-105,66
14,54
-73,10
-17,09
101,92
45
-5,17
-81,47
-24,78
-122,84
14,05
-93,80
-14,60
89,21
46
-4,24
-102,42
-25,30
-139,10
13,39
-113,54
-12,92
73,66
47
-3,18
-122,95
-25,65
-155,88
12,59
-133,30
-11,93
59,95
48
-2,51
-143,29
-26,29
-173,89
11,55
-152,49
-11,14
47,16
49
-2,04
-161,80
-27,21
170,58
10,40
-170,65
-10,65
35,08
50
-1,62
-178,03
-27,82
157,24
9,39
172,00
-9,69
20,78



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com