Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA2391 Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHA2391
Description  36-40GHz Very Low Noise Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2391 Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHA2391 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2391 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2391 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2391 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2391 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2391 Datasheet HTML 6Page - United Monolithic Semiconductors CHA2391 Datasheet HTML 7Page - United Monolithic Semiconductors CHA2391 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CHA2391
RoHS COMPLIANT
Ref. : DSCHA23912240 -28-Aug.-02
1/8
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
36-40GHz Very Low Noise Amplifier
GaAs Monolithic Microwave IC
Description
The CHA2391 is a two-stage wide band
monolithic low noise amplifier.
The circuit is manufactured with a standard
pHEMT process: 0.25µm gate length, via
holes through the substrate, air bridges
and electron beam gate lithography.
It is supplied in chip form.
Main Features
■ Broad band performance 36-40GHz
■ 2.5dB noise figure, 36-40GHz
■ 15dB gain, ± 0.5dB gain flatness
■ Low DC power consumption, 50mA
■ 20dBm 3rd order intercept point
■ Chip size: 1.67 x 1.03 x 0.1mm
IN
OUT
Vg 1
Vg 2
25
50
Vd
On wafer typical measurements
.
Main Characteristics
Tamb = +25°C
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range
36
40
GHz
NF
Noise figure, 36-40GHz
2.5
3
dB
G
Gain
12
15
dB
P1dB
Output power at 1dB gain compression
9
dBm
ESD Protections : Electrostatic discharge sensitive device observe handling precautions !
0
4
8
12
16
20
30
31
32
33
34
35
36
37
38
39
40
Frequency (GHz)
0
1
2
3
4
5


Similar Part No. - CHA2391

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2391 UMS-CHA2391 Datasheet
104Kb / 8P
36-40GHz Very Low Noise Amplifier
CHA2391-99F/00 UMS-CHA2391-99F/00 Datasheet
104Kb / 8P
36-40GHz Very Low Noise Amplifier
More results

Similar Description - CHA2391

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2091 UMS-CHA2091 Datasheet
115Kb / 8P
36-40GHz Low Noise Amplifier
CHA2095A UMS-CHA2095A Datasheet
106Kb / 7P
36-40GHz Low Noise Very High Gain Amplifier
CHA2391 UMS-CHA2391 Datasheet
104Kb / 8P
36-40GHz Very Low Noise Amplifier
CHA2394 UMS-CHA2394 Datasheet
102Kb / 8P
36-40GHz Very Low Noise High Gain Amplifier
CHA2395 UMS-CHA2395 Datasheet
87Kb / 6P
36-40GHz Low Noise Very High Gain Amplifier
CHA2091 UMS-CHA2091_07 Datasheet
191Kb / 8P
36-40GHz Low Noise Amplifier
CHA2394 UMS-CHA2394_06 Datasheet
194Kb / 8P
36-40GHz Very Low Noise High Gain Amplifier
CHA2095A UMS-CHA2095A_15 Datasheet
110Kb / 6P
36-40GHz Low Noise Very High Gain Amplifier
CHA2394 UMS-CHA2394_15 Datasheet
130Kb / 8P
36-40GHz Very Low Noise High Gain Amplifier
CHA2395 UMS-CHA2395_15 Datasheet
108Kb / 6P
36-40GHz Low Noise Very High Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com