Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED-E12PW3C Datasheet(PDF) 1 Page - HB Electronic Components

Part # LED-E12PW3C
Description  Highest Flux White
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

LED-E12PW3C Datasheet(HTML) 1 Page - HB Electronic Components

  LED-E12PW3C Datasheet HTML 1Page - HB Electronic Components LED-E12PW3C Datasheet HTML 2Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LED SPECIFICATION
Page: 1 of 2
Part No.
E12PW3C
Features
z Highest Flux White
z High reliability and Very long operating life
(up to 100K hours)
z Low voltage DC operated
z More Energy Efficient than Incandescent
and most Halogen lamps
z NO UV
z Superior ESD protection
z RoHS Compliant
Typical Applications
z Reading lights (car, bus, aircraft)
z Portable (flashlight, bicycle)
z Automotive Exterior (Stop-Tail-Turn,
CHMSL, Mirror Side Repeat)
z Decorative
NOTE:
z All dimensions are millimeter.
z Tolerance is
0.25mm unless noted
Radiation Angle
DIRECTIVITY
0°
0°
0
90°
30°
60°
Ta=25°C
IF=350mA
0.5
1.0
0.5
90°
1.0
30°
60°
Hebei I.T. (Shanghai) Co., Ltd.


Similar Part No. - LED-E12PW3C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED-051 ETC-LED-051 Datasheet
227Kb / 2P
Universal LED Backlight Kit 10.4" to 24" LCD Panels for LED Replacement and CCFL Conversion
LED-100W ETC2-LED-100W Datasheet
694Kb / 4P
Switch Mode LED Drivers
LED-100W ETC2-LED-100W_17 Datasheet
744Kb / 3P
Switch Mode LED Drivers
logo
HB Electronic Component...
LED-10VAL12HW3C HB-LED-10VAL12HW3C Datasheet
56Kb / 2P
Highest Flux
logo
List of Unclassifed Man...
LED-10X3 ETC1-LED-10X3 Datasheet
117Kb / 2P
LED Series - 3 Pin Round 5mm Diameter
More results

Similar Description - LED-E12PW3C

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
E12NW6C HB-E12NW6C Datasheet
270Kb / 4P
Highest Flux White
S12NW6C HB-S12NW6C Datasheet
164Kb / 4P
Highest Flux White
S30NW6C HB-S30NW6C Datasheet
227Kb / 4P
Highest Flux White
S51NW6C HB-S51NW6C Datasheet
280Kb / 4P
Highest Flux White
S70NW6C HB-S70NW6C Datasheet
137Kb / 4P
Highest Flux White
20VAL12HW6C HB-20VAL12HW6C Datasheet
116Kb / 2P
Highest Flux
E12RGB-3W HB-E12RGB-3W Datasheet
682Kb / 1P
Highest Luminous Flux
LED-10VAL12HW3C HB-LED-10VAL12HW3C Datasheet
56Kb / 2P
Highest Flux
LED-S12N3W6C HB-LED-S12N3W6C Datasheet
86Kb / 2P
Highest Flux White
LED-S12PW3C HB-LED-S12PW3C Datasheet
86Kb / 2P
Highest Flux White
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com