Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED-E12PW3C Datasheet(PDF) 2 Page - HB Electronic Components

Part # LED-E12PW3C
Description  Highest Flux White
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

LED-E12PW3C Datasheet(HTML) 2 Page - HB Electronic Components

  LED-E12PW3C Datasheet HTML 1Page - HB Electronic Components LED-E12PW3C Datasheet HTML 2Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page: 2 of 2
Part No.
E12PW3C
Absolute maximum ratings
Ta = 25
Value
Parameter
Symbol
Test
Condition
Min.
Max.
Unit
DC Forward Current
IF
----
----
350
mA
Peak Pulse Current
Ipeak
Duty=0.1ms
1kHz
----
500
mA
Power Dissipation
Pd
----
----
1.4
W
LED Junction Temperature
Tj
----
----
120
Operating Temperature
Topr
----
-25
+100
Storage
Temperature
Tstr
----
-40
+120
ESD Sensitivity
---
HBM
8000
----
V
Soldering Temperature
---
----
260
for 5 Seconds max
Electrical and optical characteristics
Ta = 25
Value
Parameter
Symbol
Test
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
3
3.4
4.0
V
Luminous Flux
v
50
----
----
lm
Viewing Angle
2
1/2
----
120
----
Deg.
Color Temperature
CCT
IF = 350mA
----
3300
----
K
Luminous Flux Bins
Ta = 25
Unit: lm
Bin
J
K
L
Min
50
60
70
Max
60
70
80
CCT Bins
Ta = 25
Unit: K
Bin
W0
W1
W2
Min
----
3000
3300
Max
3000
3300
3600
LED SPECIFICATION
Hebei I.T. (Shanghai) Co., Ltd.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com