Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLCC2XW6 Datasheet(PDF) 2 Page - HB Electronic Components

Part # PLCC2XW6
Description  Package dimensions
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

PLCC2XW6 Datasheet(HTML) 2 Page - HB Electronic Components

  PLCC2XW6 Datasheet HTML 1Page - HB Electronic Components PLCC2XW6 Datasheet HTML 2Page - HB Electronic Components PLCC2XW6 Datasheet HTML 3Page - HB Electronic Components PLCC2XW6 Datasheet HTML 4Page - HB Electronic Components PLCC2XW6 Datasheet HTML 5Page - HB Electronic Components PLCC2XW6 Datasheet HTML 6Page - HB Electronic Components PLCC2XW6 Datasheet HTML 7Page - HB Electronic Components PLCC2XW6 Datasheet HTML 8Page - HB Electronic Components PLCC2XW6 Datasheet HTML 9Page - HB Electronic Components Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Technical Data Sheet
Top View LED
Prepared date:Feb. 2011
Rev.:2
Page 2 of 12
Part No.
Emitted Color
Dominant White
Face Color
White
Chip Material
InGaN/GaN
Package
PPA
◆
Features:
Compatible with automatic placement equipment
Compatible with reflow solder process
Low power consumption and wide viewing angle
This product doesn’t contain restriction Substance, comply ROHS standard.
◆
Applications:
Automotive and Telecommunication
Flat backlight for LCD ,switch and symbol in telephone and fax
General use for indicators
Indoor lighting
◆
Package Dimensions:
2.4
3.2± 0.2
3.5± 0.2
1.9
anode
cathode
Electrodes: Ag Plating
Encapsulating Resin: Silicone with phosphor
Unit:mm
Tolerance:±0.2mm
Hebei I.T. (Shanghai) Co., Ltd.
PLCC2XW6
www.ledz.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com