Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLCC2XW6 Datasheet(PDF) 3 Page - HB Electronic Components

Part # PLCC2XW6
Description  Package dimensions
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

PLCC2XW6 Datasheet(HTML) 3 Page - HB Electronic Components

  PLCC2XW6 Datasheet HTML 1Page - HB Electronic Components PLCC2XW6 Datasheet HTML 2Page - HB Electronic Components PLCC2XW6 Datasheet HTML 3Page - HB Electronic Components PLCC2XW6 Datasheet HTML 4Page - HB Electronic Components PLCC2XW6 Datasheet HTML 5Page - HB Electronic Components PLCC2XW6 Datasheet HTML 6Page - HB Electronic Components PLCC2XW6 Datasheet HTML 7Page - HB Electronic Components PLCC2XW6 Datasheet HTML 8Page - HB Electronic Components PLCC2XW6 Datasheet HTML 9Page - HB Electronic Components Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Technical Data Sheet
Top View LED
Prepared date:Feb. 2011
Rev.:2
Page 3 of 12
◆
Absolute Maximum Rating (Ta=25℃)
Parameter
Symbol
Max.
Unit
Power Dissipation
PM
105
Mw
Pulse Forward Current
IFP
100
mA
DC Forward Current
IF
30
mA
Reverse Voltage
VR
5
V
Operating Temperature Range
Topr
-30℃~85℃
℃
Storage Temperature Range
Tstg
-40℃~100℃
℃
* IFP condition: pulse width ≤1ms ,duty cycle ≤1/10
◆
Electrical Optical Characteristics(Ta=25℃)
Parameter
Symbol
Min
Typ.
Max.
Unit
Test
Condition
Luminous Intensity
IV
1860
--
--
mcd
IF =20mA
Luminous Flux
¢
6.0
--
--
lm
IF =20mA
Correlated Color Temperature
CCT
5000
--
7000
K
IF =20mA
Forward Voltage
VF
2.9
--
3.5
V
IF =20mA
Color Rendering Index
Ra
70
--
IF =20mA
Reverse Current
IR
--
--
10
uA
VR=5V
Spectral Line Half Width
Δλ
--
30
--
nm
IF=20mA
Viewing Angle
2θ1/2
--
120
--
Deg.
IF =20mA
Notes: 1.Tolerance of Luminous Intensity±10%.
2.Tolerance of CCT±150K.
3.Tolerance of Forward Voltage±0.05V.
4.Optical characteristic is measured by HB’s equipment.
Hebei I.T. (Shanghai) Co., Ltd.
www.ledz.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com