Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G53 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74LVC2G53
Description  SN74LVC2G53 Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G53 Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC2G53_15 Datasheet HTML 1Page - Texas Instruments SN74LVC2G53_15 Datasheet HTML 2Page - Texas Instruments SN74LVC2G53_15 Datasheet HTML 3Page - Texas Instruments SN74LVC2G53_15 Datasheet HTML 4Page - Texas Instruments SN74LVC2G53_15 Datasheet HTML 5Page - Texas Instruments SN74LVC2G53_15 Datasheet HTML 6Page - Texas Instruments SN74LVC2G53_15 Datasheet HTML 7Page - Texas Instruments SN74LVC2G53_15 Datasheet HTML 8Page - Texas Instruments SN74LVC2G53_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
SN74LVC2G53
www.ti.com
SCES324N – JULY 2001 – REVISED JANUAY 2014
Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range(2)
–0.5
6.5
V
VI
Input voltage range(2)(3)
–0.5
6.5
V
VO
Switch I/O voltage range(2)(3)(4)
–0.5
VCC + 0.5
V
IIK
Control input clamp current
VI < 0
–50
mA
II/OK
I/O port diode current
VI/O < 0 or VI/O > VCC
±50
mA
IT
On-state switch current
VI/O = 0 to VCC
±50
mA
Continuous current through VCC or GND
±100
mA
DCT package
220
θJA
Package thermal impedance(5)
DCU package
227
°C/W
YZP package
102
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to ground, unless otherwise specified.
(3)
The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(4)
This value is limited to 5.5 V maximum.
(5)
The package thermal impedance is calculated in accordance with JESD 51-7.
Recommended Operating Conditions
(1)
MIN
MAX
UNIT
VCC
Supply voltage
1.65
5.5
V
VI/O
I/O port voltage
0
VCC
V
VCC = 1.65 V to 1.95 V
VCC × 0.65
VCC = 2.3 V to 2.7 V
VCC × 0.7
VIH
High-level input voltage, control input
V
VCC = 3 V to 3.6 V
VCC × 0.7
VCC = 4.5 V to 5.5 V
VCC × 0.7
VCC = 1.65 V to 1.95 V
VCC × 0.35
VCC = 2.3 V to 2.7 V
VCC × 0.3
VIL
Low-level input voltage, control input
V
VCC = 3 V to 3.6 V
VCC × 0.3
VCC = 4.5 V to 5.5 V
VCC × 0.3
VI
Control input voltage
0
5.5
V
VCC = 1.65 V to 1.95 V
20
VCC = 2.3 V to 2.7 V
20
Δt/Δv
Input transition rise/fall time
ns/V
VCC = 3 V to 3.6 V
10
VCC = 4.5 V to 5.5 V
10
TA
Operating free-air temperature
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
Copyright © 2001–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links :SN74LVC2G53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com