Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G53 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74LVC2G53
Description  SN74LVC2G53 Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G53 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74LVC2G53_15 Datasheet HTML 6Page - Texas Instruments SN74LVC2G53_15 Datasheet HTML 7Page - Texas Instruments SN74LVC2G53_15 Datasheet HTML 8Page - Texas Instruments SN74LVC2G53_15 Datasheet HTML 9Page - Texas Instruments SN74LVC2G53_15 Datasheet HTML 10Page - Texas Instruments SN74LVC2G53_15 Datasheet HTML 11Page - Texas Instruments SN74LVC2G53_15 Datasheet HTML 12Page - Texas Instruments SN74LVC2G53_15 Datasheet HTML 13Page - Texas Instruments SN74LVC2G53_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
VCC
VO
GND
Y1
(Off)
VCC
VIL
Y2
VIL or VIH
S
1
2
50
Ω
0.1
µF
fin
RL/CL: 600 Ω/50 pF
RL/CL: 50 Ω/5 pF
RL
CL
VCC/2
RL
VCC/2
A
VA
VINH
INH
COM
S
1
2
VA
VIL
VIH
VCC
VO
GND
Y1
(On)
VCC
Y2
VIL or VIH
S
1
2
VA
VIL
VIH
S
1
2
50
Ω
VCC/2
Rin
600
Ω
VCC/2
CL
50 pF
RL
600
Ω
A
VA
VINH
INH
COM
SN74LVC2G53
SCES324N – JULY 2001 – REVISED JANUAY 2014
www.ti.com
Parameter Measurement Information
Figure 8. Crosstalk (Control Input, Switch Output)
Figure 9. Feedthrough (Switch Off)
10
Submit Documentation Feedback
Copyright © 2001–2014, Texas Instruments Incorporated
Product Folder Links :SN74LVC2G53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com