Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA3312G-N24-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # PA3312G-N24-R
Description  DUAL 2.6W AUDIO POWER AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3312G-N24-R Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button PA3312G-N24-R Datasheet HTML 2Page - Unisonic Technologies PA3312G-N24-R Datasheet HTML 3Page - Unisonic Technologies PA3312G-N24-R Datasheet HTML 4Page - Unisonic Technologies PA3312G-N24-R Datasheet HTML 5Page - Unisonic Technologies PA3312G-N24-R Datasheet HTML 6Page - Unisonic Technologies PA3312G-N24-R Datasheet HTML 7Page - Unisonic Technologies PA3312G-N24-R Datasheet HTML 8Page - Unisonic Technologies PA3312G-N24-R Datasheet HTML 9Page - Unisonic Technologies PA3312G-N24-R Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
PA3312
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 11
www.unisonic.com.tw
QW-R107-055.B
TYPICAL APPLICATION CIRCUIT
R
MUX
Volume
Control
PC-
Beep
RHPIN
RLINEIN
RIN
PC-BEEP
ROUT+
ROUT-
Volume
Control
L
MUX
SE/BEL
HP/LINE
LHPIN
LLINEIN
LIN
Volume
Control
Gain/
MUX
Control
Depop
Circuitry
GAIN0
GAIN1
Volume
Control
100KΩ
100KΩ
COUTR
330µF
1KΩ
Power
Manag
ement
CLUTL
330µF
CSR
0.1µF
VDD
VDD
CSR
0.1µF
See Note A
To System
Control
1, 12,
13, 24
22
11
19
18
4
LOUT+
LOUT- 9
GND
SHUT
DOWN
BYPASS
VDD
PVDD
16
21
VDD
1KΩ
CBYP
0.47µF
10
5
6
15
17
2, 3
14
8
23
20
CIRHP
0.47µF
A. A 0.1-μF ceramic capacitor should be placed as close as possible to the IC. For filtering
lower frequency noise signals, a larger electrolytic capacitor of 10 μF or greater should be
placed near the audio power amplifier.
CIRLINE
0.47µF
CRIN
0.47µF
CPCB
0.47µF
CILHP
0.47µF
CILLINE
0.47µF
CLIN
0.47µF
Left
Line
Input
Signal
PC-
BEEP
Input
Signal
Left
Head−
phone
Input
Signal
Right
Line
Input
Signal
Right
Head−
phone
Input
Signal
Typical PA3312 Application Circuit Using Single-Ended Inputs and Input MUX



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com