Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA3312G-N24-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # PA3312G-N24-R
Description  DUAL 2.6W AUDIO POWER AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3312G-N24-R Datasheet(HTML) 1 Page - Unisonic Technologies

  PA3312G-N24-R Datasheet HTML 1Page - Unisonic Technologies PA3312G-N24-R Datasheet HTML 2Page - Unisonic Technologies PA3312G-N24-R Datasheet HTML 3Page - Unisonic Technologies PA3312G-N24-R Datasheet HTML 4Page - Unisonic Technologies PA3312G-N24-R Datasheet HTML 5Page - Unisonic Technologies PA3312G-N24-R Datasheet HTML 6Page - Unisonic Technologies PA3312G-N24-R Datasheet HTML 7Page - Unisonic Technologies PA3312G-N24-R Datasheet HTML 8Page - Unisonic Technologies PA3312G-N24-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
UNISONIC TECHNOLOGIES CO., LTD
PA3312
CMOS IC
www.unisonic.com.tw
1 of 11
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R107-055.B
DUAL 2.6W AUDIO POWER
AMPLIFIER WITH FOUR
SELECTABLE GAIN SETTINGS
AND INPUT-MUX CONTROL
DESCRIPTION
The UTC PA3312 is a monolithic integrated circuit that stereo
bridged audio power amplifiers capable of producing 2.6W into 3Ω
with less than 10% THD+N or 1W into 8Ω with less than 0.65%
THD+N. This device minimizes the number of external components
needed, simplifying the design, and freeing up board space for
other features. Both of the depop circuitry and the thermal
shutdown protection circuitry are integrated in UTC PA3312, that
reduce pops and clicks noise during power up or shutdown mode
operation .
Amplifier gain is internally configured and controlled by way of
two terminals (GAIN0 and GAIN1). BTL gain setting of 6 dB, 10 dB,
15.6dB, 21.6dB (inverting) are provided, whereas SE gain is
always configured as 4.1dB for headphone drive. A MUX control
terminal (HP/LINE) allows selection between the two sets of stereo
input signals. To simplify the audio system design, UTC PA3312
combines a stereo bridge-tied loads (BTL) mode for speaker drive
and a stereo single-end (SE) mode for headphone drive into a
single chip, where both modes are easily switched by the SE/BTL
input control pin signal.
FEATURES
* Low operating current with 10mA
* Compatible with pc 99 desktop line-out into 10KΩ load
* Internal gain control ,which eliminates external gain-setting
resistors
* 2.6w per channel output power into 3Ω at 5V , BTL mode
* Input MUX select terminal
* Pc-beep input
* Improves depop circuitry to eliminate turn-on and turn-off
transients in output
* Fully differential input


Similar Part No. - PA3312G-N24-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA3312 UTC-PA3312 Datasheet
238Kb / 10P
DUAL 2.6W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
PA3312-N24-R UTC-PA3312-N24-R Datasheet
238Kb / 10P
DUAL 2.6W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
PA3312-N24-T UTC-PA3312-N24-T Datasheet
238Kb / 10P
DUAL 2.6W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
PA3312L-N24-R UTC-PA3312L-N24-R Datasheet
238Kb / 10P
DUAL 2.6W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
PA3312L-N24-T UTC-PA3312L-N24-T Datasheet
238Kb / 10P
DUAL 2.6W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
More results

Similar Description - PA3312G-N24-R

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9779 MAXIM-MAX9779 Datasheet
540Kb / 19P
2.6W Stereo Audio Power Amplifier and DirectDrive Headphone Amplifier
Rev 0; 7/05
logo
Unisonic Technologies
PA3312 UTC-PA3312 Datasheet
238Kb / 10P
DUAL 2.6W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
PA3332 UTC-PA3332 Datasheet
271Kb / 10P
2.6W STEREO AUDIO AMPLIFIER
logo
Integrated Silicon Solu...
IS31AP4088D ISSI-IS31AP4088D Datasheet
456Kb / 16P
DUAL 2.6W STEREO AUDIO AMPLIFIER
logo
Anpec Electronics Corop...
APA2068 ANPEC-APA2068_12 Datasheet
423Kb / 24P
Stereo 2.6W Audio Power Amplifier (With DC_Volume Control)
APA2069 ANPEC-APA2069_11 Datasheet
389Kb / 23P
Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
logo
SG Micro Corp
SGM4865 SGMICRO-SGM4865 Datasheet
320Kb / 10P
2.6W Stereo Audio Power Amplifier
logo
Unisonic Technologies
PA3332 UTC-PA3332_15 Datasheet
285Kb / 9P
2.6W STEREO AUDIO AMPLIFIER
logo
Global Mixed-mode Techn...
G1432 GMT-G1432_15 Datasheet
121Kb / 2P
2.6W Stereo Audio Amplifier
logo
Integrated Silicon Solu...
IS31AP4088D-QFLS2-TR ISSI-IS31AP4088D-QFLS2-TR Datasheet
496Kb / 15P
DUAL 2.6W STEREO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com