Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA3427G-N24-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # PA3427G-N24-R
Description  2W STEREO AUDIO AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3427G-N24-R Datasheet(HTML) 2 Page - Unisonic Technologies

  PA3427G-N24-R Datasheet HTML 1Page - Unisonic Technologies PA3427G-N24-R Datasheet HTML 2Page - Unisonic Technologies PA3427G-N24-R Datasheet HTML 3Page - Unisonic Technologies PA3427G-N24-R Datasheet HTML 4Page - Unisonic Technologies PA3427G-N24-R Datasheet HTML 5Page - Unisonic Technologies PA3427G-N24-R Datasheet HTML 6Page - Unisonic Technologies PA3427G-N24-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PA3427
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R502-357.b
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
GND/HS
GAIN0
GAIN1
LOUT+
LLINEIN
LPHIN
PVDD
RIN
LOUT-
LIN
24 GND/HS
RLINEIN
ROUT+
RHPIN
VDD
PVDD
HP/LINE
ROUT-
SE/BTL
23
22
21
20
19
18
17
16
15
11
BYPASS
12
GND/HS
14 PC-BEEP
13 GND/HS
SHUTDOWN
PA3427
PIN DESCRIPTION
PIN NO
PIN NAME
I/O
DESCRIPTION
1,12,13,24
GND/HS
Ground, directly connected to thermal pad.
2
GAIN0
I
Bit 0 of gain control
3
GAIN1
I
Bit 1 of gain control
4
LOUT+
O
Positive output for Left channel in BTL mode, + output in SE mode.
5
LLINEIN
I
Line input for left channel, selected when HP/ LINE pin is held low.
6
LHPIN
I
Left channel headphone input, selected when HP/ LINE pin is held high.
7,18
PVDD
I
Supply voltage
8
RIN
I
Differential input for Right channel. AC ground for single-ended inputs.
9
LOUT-
O
Negative output for Left channel, and high impedance in SE mode.
10
LIN
I
Differential input for Left channel. AC ground for single-ended inputs.
11
BYPASS
Tap to voltage divider for internal mid-supply bias generator
14
PC-BEEP
I
The input for PC-BEEP mode. PC-BEEP is enabled when at least eight
continuous > 1-VPP (peak to peak) square waves is input to PC-BEEP pin.
15
SE/ BTL
I
Hold low for BTL mode, hold high for SE mode.
16
ROUT-
O
negative output for Right channel
17
HP/ LINE
I
MUX control input, hold high to select headphone inputs (6, 20), hold low
to select line inputs (5, 23).
19
VDD
Analog VDD supply voltage
20
RHPIN
I
Right channel headphone input, selected when HP/ LINE pin is held high.
21
ROUT+
O
Positive output for right channel in BTL mode, positive output in SE mode.
22
SHUTDOWN
I
In shutdown mode when held low, expect PC-BEEP remains active.
23
RLINEIN
I
Line input for Right channel, selected when HP/ LINE pin is held low.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com