Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA3427G-N24-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # PA3427G-N24-R
Description  2W STEREO AUDIO AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3427G-N24-R Datasheet(HTML) 1 Page - Unisonic Technologies

  PA3427G-N24-R Datasheet HTML 1Page - Unisonic Technologies PA3427G-N24-R Datasheet HTML 2Page - Unisonic Technologies PA3427G-N24-R Datasheet HTML 3Page - Unisonic Technologies PA3427G-N24-R Datasheet HTML 4Page - Unisonic Technologies PA3427G-N24-R Datasheet HTML 5Page - Unisonic Technologies PA3427G-N24-R Datasheet HTML 6Page - Unisonic Technologies PA3427G-N24-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
PA3427
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-357.b
2W STEREO AUDIO AMPLIFIER
DESCRIPTION
The UTC PA3427 is a stereo audio speaker operated on a single
5V supply. It is capable of delivering 2W of output power per channel
in Bridge-Tied Load mode into 4Ω load with less than 1% THD+N.
Two terminals (GAIN0 and GAIN1) can configure and control the
amplifier gain. In order to simplify the design of audio system in the
notebook application, the two modes of Bridge-Tied Load (BTL) and
Single-End (SE) mode drive the speakers and headphone
respectively. The UTC PA3427 supports two input paths to choose
two different amplitude AC signals through setting HP/ LINE pin.
The UTC PA3427 is suitable for applications, such as stereo
power amplifiers of notebooks or desktop computers, and multimedia
monitors.
FEATURES
* Depop circuitry integrated
* BTL gain: 6dB, 10dB, 15.6dB, 21.6dB
* SE gain: 4.1dB
* Output power (THD+N:1%, supply voltage:5V)
− 2.0W into a 4Ω load
− 1.2W into a 8Ω load
* With two mode :BTL and SE
* Stereo input multiplexer
* Fully differential input
* Build-in gain control
* PC-Beep input function
* Thermal shutdown protection
ORDERING INFORMATION
Ordering Number
Package
Packing
PA3427G-N24-R
HTSSOP-24
Tape Reel
PA3427G-N24-R
(1)Packing Type
(2)Package Type
(1) R: Tape Reel
(2) N24: HTSSOP-24
(3) G: Halogen Free and Lead Free
(3)Green Package
MARKING


Similar Part No. - PA3427G-N24-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA3427 UTC-PA3427 Datasheet
256Kb / 7P
2W STEREO AUDIO AMPLIFIER
More results

Similar Description - PA3427G-N24-R

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1420 GMT-G1420 Datasheet
377Kb / 20P
2W Stereo Audio Amplifier
G1431 GMT-G1431 Datasheet
280Kb / 13P
2W Stereo Audio Amplifier
G1430 GMT-G1430 Datasheet
416Kb / 26P
2W Stereo Audio Amplifier
G1432 GMT-G1432 Datasheet
334Kb / 15P
2W Stereo Audio Amplifier
logo
Unisonic Technologies
PA3017 UTC-PA3017 Datasheet
293Kb / 10P
2W STEREO AUDIO AMPLIFIER
PA3428 UTC-PA3428 Datasheet
424Kb / 9P
2W STEREO AUDIO AMPLIFIER
PA3431 UTC-PA3431 Datasheet
266Kb / 11P
2W STEREO AUDIO AMPLIFIER
PA3017 UTC-PA3017_15 Datasheet
403Kb / 10P
2W STEREO AUDIO AMPLIFIER
PA3431 UTC-PA3431_15 Datasheet
366Kb / 11P
2W STEREO AUDIO AMPLIFIER
PA3431 UTC-PA3431_16 Datasheet
286Kb / 11P
2W STEREO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com