Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA7468G-S16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # PA7468G-S16-R
Description  STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA7468G-S16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  PA7468G-S16-R Datasheet HTML 1Page - Unisonic Technologies PA7468G-S16-R Datasheet HTML 2Page - Unisonic Technologies PA7468G-S16-R Datasheet HTML 3Page - Unisonic Technologies PA7468G-S16-R Datasheet HTML 4Page - Unisonic Technologies PA7468G-S16-R Datasheet HTML 5Page - Unisonic Technologies PA7468G-S16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
PA7468
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-322.b
STEREO 2.6W AUDIO POWER
AMPLIFIER WITH DC VOLUME
CONTROL
DESCRIPTION
As an audio power amplifier with DC volume control, UTC
PA7468 is a stereo bridged audio power amplifier. In normal operation
it can produce 2.6Ω (1.8W) into 4W with less than 10% (1.0%)
THD+N.
In UTC PA7468, the attenuator range of the volume control is
from 20dB (@DC_VOL=0V) to -80dB (@DC_VOL=3.54V) with 32
steps. Besides, the UTC PA7468 includes the depop circuitry and the
thermal shutdown protection circuitry (to reduce pops and clicks noise
during power up or shutdown mode operation).
The UTC PA7468 has a BTL mode for speaker drive and a SE
mode for headphone drive. These tow modes can be quickly chosen
by the SE/ BTL input control pin signal.
FEATURES
* Low Operating Current: 9mA
*Two Output Modes Allowable with BTL and SE Modes(chosen by
SE/ BTL pin)
*Low Current Consumption :1mA(in Shutdown Mode)
*With Short Circuit Protection
*With Thermal Shutdown Protection
*With Over Current Protection Circuitry
*Eliminating Turn-on and Turn-off Transients in Outputs by Improved
Depop Circuitry to.
*Very High PSRR
*32 Steps Volume Adjustable
*BTL Mode :2.6W per Channel Output Power into 4Ω Load at 5V
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
PA7468L-S16-R
PA7468G-S16-R
SOP-16
Tape Reel
PA7468L-S16-T
PA7468G-S16-T
SOP-16
Tube


Similar Part No. - PA7468G-S16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA7468G-S16-R UTC-PA7468G-S16-R Datasheet
216Kb / 6P
STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results

Similar Description - PA7468G-S16-R

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2030 ANPEC-APA2030 Datasheet
746Kb / 27P
Stereo 2.6W Audio Amplifier(With Gain Control)
APA2068 ANPEC-APA2068 Datasheet
495Kb / 27P
Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
APA2069 ANPEC-APA2069 Datasheet
464Kb / 26P
Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
logo
Unisonic Technologies
PA7468 UTC-PA7468 Datasheet
216Kb / 6P
STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PA7469 UTC-PA7469 Datasheet
322Kb / 12P
STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC_VOLUME CONTROL)
logo
Anpec Electronics Corop...
APA2068 ANPEC-APA2068_12 Datasheet
423Kb / 24P
Stereo 2.6W Audio Power Amplifier (With DC_Volume Control)
APA2069 ANPEC-APA2069_11 Datasheet
389Kb / 23P
Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
APA2070 ANPEC-APA2070 Datasheet
417Kb / 24P
Stereo 2.6W Audio Power Amplifier (with DC Volume Control)
APA2030 ANPEC-APA2030_13 Datasheet
483Kb / 30P
Stereo 2.6W Audio Amplifier (With Gain Control)
logo
Unisonic Technologies
PA7469 UTC-PA7469_15 Datasheet
322Kb / 12P
STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com