Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA7493G-S16-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # PA7493G-S16-R
Description  2W X 2 CLASS AB AUDIO POWER AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA7493G-S16-R Datasheet(HTML) 3 Page - Unisonic Technologies

  PA7493G-S16-R Datasheet HTML 1Page - Unisonic Technologies PA7493G-S16-R Datasheet HTML 2Page - Unisonic Technologies PA7493G-S16-R Datasheet HTML 3Page - Unisonic Technologies PA7493G-S16-R Datasheet HTML 4Page - Unisonic Technologies PA7493G-S16-R Datasheet HTML 5Page - Unisonic Technologies PA7493G-S16-R Datasheet HTML 6Page - Unisonic Technologies PA7493G-S16-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PA7493
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R502-113.D
BLOCK DIAGRAM
Voltage
Bypass and
De-Pop Noise
32 steps
DC Control
Volume
Logic
Control
-OUT1
+OUT1
SE/BTL
DC Vol
GND
VCC
VOUT2
VIN2
BYPASS
VIN1
VOUT1
RI
20K
Rf
20K
AMP1N
AMP1P
Power
Management
SHUTDOWN
-OUT2
+OUT2
RI
20K
Rf
20K
AMP2N
AMP2P



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com