Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA7493G-S16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # PA7493G-S16-R
Description  2W X 2 CLASS AB AUDIO POWER AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA7493G-S16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  PA7493G-S16-R Datasheet HTML 1Page - Unisonic Technologies PA7493G-S16-R Datasheet HTML 2Page - Unisonic Technologies PA7493G-S16-R Datasheet HTML 3Page - Unisonic Technologies PA7493G-S16-R Datasheet HTML 4Page - Unisonic Technologies PA7493G-S16-R Datasheet HTML 5Page - Unisonic Technologies PA7493G-S16-R Datasheet HTML 6Page - Unisonic Technologies PA7493G-S16-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
PA7493
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-113.D
2W X 2 CLASS AB AUDIO
POWER AMPLIFIER (WITH
DC_VOLUME CONTROL)
DESCRIPTION
UTC PA7493 provides precise DC volume control, and a stereo
bridged audio power amplifiers capable of producing 2W into 4Ω as
a monolithic integrated circuit. In stand-by the power consumption
is very low. UTC PA7493 combines a stereo single-end (SE) mode
for headphone drive into a single chip and a stereo bridge-tied
loads (BTL) mode for speaker drive(both modes are easily
switched by the SE/BTL input control signal) to simplify the audio
system design. Package size is not occupies PCB space cause the
built-in over-temperature protection. It is suitable for small or
portable products.
FEATURES
* Stereo switch able bridged/single-ended power amplifiers
* Output power 2W × 2 (VCC=6V, THD=1%, RL=4Ω)
* Low harmonics distortion
* Include 32 steps volume controller by DC voltage with ysteresis
* “Click and pop” suppression circuitry
* Low current consumption in SHUTDOWN Mode(0.7μA)
* Thermal shutdown
DIP-16
SOP-16
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
PA7493L-D16-T
PA7493G-D16-T
DIP-16
Tube
-
PA7493G-S16-R
SOP-16
Tape Reel
MARKING
DIP-16
SOP-16


Similar Part No. - PA7493G-S16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA7493G-S16-R UTC-PA7493G-S16-R Datasheet
219Kb / 7P
2W X 2 CLASS AB AUDIO POWER AMPLIFIER (WITH DC_VOLUME CONTROL)
More results

Similar Description - PA7493G-S16-R

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2305 PTC-PT2305 Datasheet
198Kb / 3P
2.5W 횞 2 Class AB Audio Power Amplifier
logo
Unisonic Technologies
PA7493 UTC-PA7493 Datasheet
145Kb / 7P
2W X 2 CLASS AB AUDIO POWER AMPLIFIER (WITH DC_VOLUME CONTROL)
logo
Princeton Technology Co...
PT2300 PTC-PT2300 Datasheet
341Kb / 15P
2W x 2 Class AB Audio Power Amplifier
logo
Silan Microelectronics ...
SA7496L SILAN-SA7496L Datasheet
279Kb / 9P
2CH AUDIO POWER AMPLIFIER(2W X 2)
logo
Princeton Technology Co...
PT2303 PTC-PT2303 Datasheet
425Kb / 17P
2W 횞 2 Class AB Audio Power Amplifier
PT2305 PTC-PT2305_05 Datasheet
542Kb / 27P
2.5W 횞 2 Class AB Audio Power Amplifier
logo
Unisonic Technologies
PA7493 UTC-PA7493_08 Datasheet
219Kb / 7P
2W X 2 CLASS AB AUDIO POWER AMPLIFIER (WITH DC_VOLUME CONTROL)
logo
Analog Devices
SSM2356CBZ-RL AD-SSM2356CBZ-RL Datasheet
505Kb / 16P
2 x 2W Filterless Class-D Stereo Audio Amplifier
REV. A
logo
List of Unclassifed Man...
ISD8102 ETC2-ISD8102 Datasheet
719Kb / 19P
2W Class AB Audio Amplifier with Chip Enable
logo
Nuvoton Technology Corp...
ISD8102 NUVOTON-ISD8102 Datasheet
719Kb / 19P
2W Class AB Audio Amplifier with Chip Enable
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com