Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXD1013C/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MXD1013C/D
Description  3-in-1 Silicon Delay Line
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MXD1013C/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MXD1013C/D Datasheet HTML 1Page - Maxim Integrated Products MXD1013C/D Datasheet HTML 2Page - Maxim Integrated Products MXD1013C/D Datasheet HTML 3Page - Maxim Integrated Products MXD1013C/D Datasheet HTML 4Page - Maxim Integrated Products MXD1013C/D Datasheet HTML 5Page - Maxim Integrated Products MXD1013C/D Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
_______________General Description
The MXD1013 contains three independent, monolithic,
logic-buffered delay lines with delays ranging from
10ns to 200ns. Nominal accuracy is ±2ns for a 10ns to
60ns delay, ±3% for a 70ns to 100ns delay, and ±5%
for a 150ns to 200ns delay. Relative to hybrid solutions,
these devices offer enhanced performance and higher
reliability, and reduce overall cost. Each output can
drive up to ten standard 74LS loads.
The MXD1013 is available in multiple versions, each
offering a different combination of delay times. It comes
in the space-saving 8-pin µMAX package, as well as a
standard 8-pin SO and DIP. It is also offered in indus-
try-standard 16-pin SO and 14-pin DIP packaging,
allowing full compatibility with the DS1013 and other
delay-line products.
________________________Applications
Clock Synchronization
Digital Systems
____________________________Features
o Improved Second Source to DS1013
o Available in Space-Saving 8-Pin µMAX Package
o 20mA Supply Current (vs. Dallas’ 40mA)
o Low Cost
o Three Separate Buffered Delays
o Delay Tolerance of ±2ns for MXD1013_ _ 010
through MXD1013_ _ 060
o TTL/CMOS-Compatible Logic
o Leading- and Trailing-Edge Accuracy
o Custom Delays Available
3-in-1 Silicon Delay Line
________________________________________________________________
Maxim Integrated Products
1
OUT2
OUT3
GND
1
2
8
7
VCC
OUT1
IN2
IN3
IN1
DIP/SO/
µMAX
TOP VIEW
3
4
6
5
MXD1013
14
13
12
11
10
9
8
1
2
3
4
5
6
7
VCC
N.C.
OUT1
N.C.
N.C.
IN2
N.C.
IN
MXD1013
OUT2
N.C.
OUT3
GND
N.C.
IN3
DIP
_________________Pin Configurations
19-0394; Rev 0; 12/97
*
Dice are tested at TA = +25°C.
Note: To complete the ordering information, fill in the blank with
the part number extension from the Part Numbers and Delay
Times table to indicate the desired delay per output.
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.
PART
MXD1013C/D_ _ _
MXD1013PA_ _ _
MXD1013PD_ _ _
-40°C to +85°C
-40°C to +85°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
Dice*
8 Plastic DIP
14 Plastic DIP
MXD1013SA_ _ _
MXD1013SE_ _ _
MXD1013UA_ _ _
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
8 SO
16 Narrow SO
8 µMAX
______________Ordering Information
___Part Numbers and Delay Times
Pin Configurations continued at end of data sheet.
Functional Diagram appears at end of data sheet.
OUTPUT
DELAY
(ns)
070
050
50
70
080
075
75
80
100
090
90
100
PART NUMBER
EXTENSION
(MXD1013___)
150
150
012
OUTPUT
DELAY
(ns)
010
10
12
020
015
15
20
030
025
25
30
040
035
35
40
PART NUMBER
EXTENSION
(MXD1013___)
045
45
200
200
060
60


Similar Part No. - MXD1013C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MXD1000 MAXIM-MXD1000 Datasheet
72Kb / 8P
5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
MXD1000C/D__ MAXIM-MXD1000C/D__ Datasheet
72Kb / 8P
5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
MXD1000PA__ MAXIM-MXD1000PA__ Datasheet
72Kb / 8P
5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
MXD1000PD__ MAXIM-MXD1000PD__ Datasheet
72Kb / 8P
5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
MXD1000SA__ MAXIM-MXD1000SA__ Datasheet
72Kb / 8P
5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
More results

Similar Description - MXD1013C/D

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1013 DALLAS-DS1013 Datasheet
50Kb / 6P
3-in-1 Silicon Delay Line
DS1033 DALLAS-DS1033 Datasheet
50Kb / 6P
3-in-1 Low Voltage Silicon Delay Line
DS1035 DALLAS-DS1035 Datasheet
50Kb / 6P
3-in-1 High.Speed Silicon Delay Line
DS1135 DALLAS-DS1135 Datasheet
68Kb / 6P
3-in-1 High-Speed Silicon Delay Line
DS1013 DALLAS-DS1013 Datasheet
50Kb / 6P
3-in-1 Silicon Delay Line
DS1033 DALLAS-DS1033 Datasheet
50Kb / 6P
3-in-1 Low Voltage Silicon Delay Line
logo
Maxim Integrated Produc...
DS1013 MAXIM-DS1013 Datasheet
56Kb / 6P
3-in-1 Silicon Delay Line
111799
DS1033 MAXIM-DS1033 Datasheet
56Kb / 6P
3-in-1 Low Voltage Silicon Delay Line
111799
DS1035 MAXIM-DS1035 Datasheet
55Kb / 6P
3-in-1 High?밪peed Silicon Delay Line
111799
DS1135 MAXIM-DS1135 Datasheet
312Kb / 7P
3-in-1 High-Speed Silicon Delay Line
19-6411; Rev 8/12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com