Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXD1013C/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MXD1013C/D
Description  3-in-1 Silicon Delay Line
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MXD1013C/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MXD1013C/D Datasheet HTML 1Page - Maxim Integrated Products MXD1013C/D Datasheet HTML 2Page - Maxim Integrated Products MXD1013C/D Datasheet HTML 3Page - Maxim Integrated Products MXD1013C/D Datasheet HTML 4Page - Maxim Integrated Products MXD1013C/D Datasheet HTML 5Page - Maxim Integrated Products MXD1013C/D Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
_______________Definitions of Terms
Period: The time elapsed between the first pulse’s
leading edge and the following pulse’s leading edge.
Pulse Width (tWI): The time elapsed on the pulse
between the 1.5V level on the leading edge and the
1.5V level on the trailing edge, or vice versa.
Input Rise Time (tRISE): The elapsed time between
the 20% and 80% points on the input pulse’s leading
edge.
Input Fall Time (tFALL): The time elapsed between
the 80% and 20% points on the input pulse’s trailing
edge.
Time Delay, Rising (tPLH): The time elapsed between
the 1.5V level on the input pulse’s leading edge and the
corresponding output pulse’s leading edge.
Time Delay, Falling (tPHL): The time elapsed between
the 1.5V level on the input pulse’s trailing edge and the
corresponding output pulse’s trailing edge.
____________________Test Conditions
Ambient Temperature:
+25°C
Supply Voltage (VCC):
5.0V ±0.1V
Input Pulse:
High = 3.0V ±0.1V
Low = 0.0V ±0.1V
Source Impedance:
50
Ω max
Rise and Fall Times:
3.0ns max
Pulse Width:
500ns max
Period:
1µs
Each output is loaded with a 74F04 input gate. Delay is
measured at the 1.5V level on the rising and falling
edges. The time delay due to the 74F04 is subtracted
from the measured delay.
3-in-1 Silicon Delay Line
4
_______________________________________________________________________________________
______________________________________________________________Pin Description
1
1
First Independent Input
14-PIN DIP
FUNCTION
8-PIN
DIP/SO/µMAX
NAME
16-PIN SO
2
3
Second Independent Input
4
1
IN1
IN2
3
PIN
5
Third Independent Input
4
7
Device Ground
8
6
IN3
GND
5
8
Third Delayed Output
6
10
Second Delayed Output
11
9
OUT3
OUT2
7
12
First Delayed Output
8
14
Power-Supply Input
16
13
OUT1
VCC
—
2, 4, 6, 9, 11,
13
Not Connected
2, 3, 5, 7, 10,
12, 14, 15
N.C.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com