Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7053AG-S16-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # TDA7053AG-S16-R
Description  STEREO BTL AUDIO OUTPUT AMPLIFIER WITH DC VOLUME CONTROL
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA7053AG-S16-R Datasheet(HTML) 2 Page - Unisonic Technologies

  TDA7053AG-S16-R Datasheet HTML 1Page - Unisonic Technologies TDA7053AG-S16-R Datasheet HTML 2Page - Unisonic Technologies TDA7053AG-S16-R Datasheet HTML 3Page - Unisonic Technologies TDA7053AG-S16-R Datasheet HTML 4Page - Unisonic Technologies TDA7053AG-S16-R Datasheet HTML 5Page - Unisonic Technologies TDA7053AG-S16-R Datasheet HTML 6Page - Unisonic Technologies TDA7053AG-S16-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TDA7053A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R107-022.C
PIN CONFIGURATION
OUT1+
NC
PGND1
OUT1-
OUT2-
NC
PGND2
OUT2+
NC
VC1
VIN(1)
NC
VCC
VIN(2)
SGND
VC2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
PIN DESCRIPTION
PIN NO.
SYMBOL
DESCRIPTON
1
NC
No connection
2
VC1
DC volume control 1
3
NC
No connection
4
VIN(1)
Voltage input 1
5
VCC
Positive supply voltage
6
VIN(2)
Voltage input 2
7
SGND
Signal ground
8
VC2
DC volume control 2
9
OUT2+
Positive output 2
10
PGND2
Power ground 2
11
NC
No connection
12
OUT2-
Negative output 2
13
OUT1-
Negative output 1
14
PGND1
Power ground 1
15
NC
No connection
16
OUT1+
Positive output 1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com