Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7053AG-S16-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # TDA7053AG-S16-R
Description  STEREO BTL AUDIO OUTPUT AMPLIFIER WITH DC VOLUME CONTROL
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA7053AG-S16-R Datasheet(HTML) 5 Page - Unisonic Technologies

  TDA7053AG-S16-R Datasheet HTML 1Page - Unisonic Technologies TDA7053AG-S16-R Datasheet HTML 2Page - Unisonic Technologies TDA7053AG-S16-R Datasheet HTML 3Page - Unisonic Technologies TDA7053AG-S16-R Datasheet HTML 4Page - Unisonic Technologies TDA7053AG-S16-R Datasheet HTML 5Page - Unisonic Technologies TDA7053AG-S16-R Datasheet HTML 6Page - Unisonic Technologies TDA7053AG-S16-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TDA7053A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R107-022.C
TEST AND APPLICATION DIAGRAM CIRCUITS
TEMPERATURE
MCL
PROTECTION
STABILIZER
VCC=6V
5
4
2
6
8
Input 1
Input 2
7
10
14
Signal
Ground
Power
Ground
I + i
I - i
12
9
I - i
I + i
16
13
100nF
220μF
(1)
+
(2)
+
-
(2)
470nF
Rs
5kΩ
Rs
5kΩ
470nF
DC-
Volume
-
+
-
+
Maximum
Voltage
Gain 34 dB
2,8
1MΩ
1μF
Volume
Control
+
(1) This capacitor can be omitted if the 220μF electrolytic capacitor is
connected close to pin 5.
(2) RL= 8Ω
+
-
Maximum
Voltage
Gain 40 dB
2,8
22kΩ
1μF
Volume
Control
+
56kΩ
VCC=6V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com