Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA4871G-SM1-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # PA4871G-SM1-R
Description  1.1W AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA4871G-SM1-R Datasheet(HTML) 4 Page - Unisonic Technologies

  PA4871G-SM1-R Datasheet HTML 1Page - Unisonic Technologies PA4871G-SM1-R Datasheet HTML 2Page - Unisonic Technologies PA4871G-SM1-R Datasheet HTML 3Page - Unisonic Technologies PA4871G-SM1-R Datasheet HTML 4Page - Unisonic Technologies PA4871G-SM1-R Datasheet HTML 5Page - Unisonic Technologies PA4871G-SM1-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PA4871
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-232.H
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
6
V
Input Voltage
VIN
-0.3~VDD+0.3
V
Power Dissipation
PD
Internally Limited
W
Junction Temperature
TJ
150
°С
Operating Temperature
TOPR
-40~+85
°С
Storage Temperature
TSTG
-65~+150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
SOP-8/MSOP-8
θJA
140
°С/W
DFN-8(3×3)
59
°С/W
Junction to Case
SOP-8/MSOP-8
θJC
35
°С/W
DFN-8(3×3)
4.3 (Note)
°С/W
Note: Surface mounted on 1 in
2 copper pad of FR4 board
ELECTRICAL CHARACTERISTICS (TA=25°С, VDD=5V, RL=8Ω, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC ELECTRICAL CHARACTERISTICS
Supply Voltage
VDD
2.0
5
5.5
V
DC Differential Output Voltage
VOUT(DIFF)
VIN=0V
5
50
mV
Supply Current
Mute Mode
IDD
VIN=0V,IOUT=0A
6.5
10.0
mA
Shutdown Mode
VPIN1=VDD
0.6
2
µA
Output Power
POUT
THD=0.5%, fIN=1kHz
1.0
1.10
W
THD=10%, fIN=1kHz
1.5
W
Total Harmonic Distortion+Noise
THD+N
POUT=1WRMS,
20Hz<fIN<20kHz, G=2V/V
0.25
%
Power Supply Ripple Rejection
PSRR
VDD=4.9V to 5.1V
65
dB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com