Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA4871G-SM1-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # PA4871G-SM1-R
Description  1.1W AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA4871G-SM1-R Datasheet(HTML) 1 Page - Unisonic Technologies

  PA4871G-SM1-R Datasheet HTML 1Page - Unisonic Technologies PA4871G-SM1-R Datasheet HTML 2Page - Unisonic Technologies PA4871G-SM1-R Datasheet HTML 3Page - Unisonic Technologies PA4871G-SM1-R Datasheet HTML 4Page - Unisonic Technologies PA4871G-SM1-R Datasheet HTML 5Page - Unisonic Technologies PA4871G-SM1-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
PA4871
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-232.H
1.1W AUDIO POWER AMPLIFIER
WITH SHUTDOWN MODE
DESCRIPTION
As a mono bridged power amplifier which is operating on a single
5V supply, the UTC PA4871 is capable of delivering 1.1W of output
power per channel into 8Ω loads with less than 0.5% THD+N.
The UTC PA4871 is optimally suited for low-power portable
applications because of the it do not require output coupling
capacitors, bootstrap capacitors or snubber networks.
By using external gain-setting resistors, the closed loop response
of the unity-gain stable PA4871 can be configured.
FEATURES
* Output power at 0.5% THD+N
Supply voltage:5V
Delivering 1.1W into a 8Ω load
* With shutdown mode
* Stable unity-gain.
SOP-8
DFN-8(3x3)
MSOP-8
1
ORDERING INFORMATION
Ordering Number
Package
Packing
PA4871G-S08-R
SOP-8
Tape Reel
PA4871G-S08-T
SOP-8
Tube
PA4871G-SM1-R
MSOP-8
Tape Reel
PA4871G-SM1-T
MSOP-8
Tube
PA4871G-K08-3030-R
DFN-8(3×3)
Tape Reel


Similar Part No. - PA4871G-SM1-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA4871G-SM1-R UTC-PA4871G-SM1-R Datasheet
231Kb / 6P
1.1W AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
PA4871G-SM1-R UTC-PA4871G-SM1-R Datasheet
236Kb / 7P
1.1W AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
More results

Similar Description - PA4871G-SM1-R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4861 NSC-LM4861 Datasheet
218Kb / 8P
1.1W Audio Power Amplifier with Shutdown Mode
LM4870 NSC-LM4870 Datasheet
259Kb / 8P
1.1W Audio Power Amplifier with Shutdown Mode
LM4871 NSC-LM4871 Datasheet
243Kb / 8P
1.1W Audio Power Amplifier with Shutdown Mode
LM4861 NSC-LM4861_03 Datasheet
276Kb / 12P
1.1W Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
PA4871 UTC-PA4871 Datasheet
231Kb / 6P
1.1W AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LM4861MX TI1-LM4861MX Datasheet
919Kb / 20P
LM4861 1.1W Audio Power Amplifier with Shutdown Mode
LM4861MX TI-LM4861MX Datasheet
892Kb / 20P
1.1W Audio Power Amplifier with Shutdown Mode
logo
Integrated Silicon Solu...
IS31AP4991A ISSI-IS31AP4991A Datasheet
373Kb / 11P
1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
IS31AP4991A-GRLS2-TR ISSI-IS31AP4991A-GRLS2-TR Datasheet
373Kb / 11P
1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
logo
Unisonic Technologies
PA4871 UTC-PA4871_17 Datasheet
236Kb / 7P
1.1W AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com