Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX7828CQ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MX7828CQ
Description  CMOS, High-Speed, 8-Bit ADCs with Multiplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7828CQ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MX7828CQ Datasheet HTML 1Page - Maxim Integrated Products MX7828CQ Datasheet HTML 2Page - Maxim Integrated Products MX7828CQ Datasheet HTML 3Page - Maxim Integrated Products MX7828CQ Datasheet HTML 4Page - Maxim Integrated Products MX7828CQ Datasheet HTML 5Page - Maxim Integrated Products MX7828CQ Datasheet HTML 6Page - Maxim Integrated Products MX7828CQ Datasheet HTML 7Page - Maxim Integrated Products MX7828CQ Datasheet HTML 8Page - Maxim Integrated Products MX7828CQ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
The MAX154/MAX158 and MX7824/MX7828 are high-
speed, multi-channel analog-to-digital converters
(ADCs). The MAX154 and MX7824 have four analog
input channels, while the MAX158 and MX7828 have
eight channels. Conversion time for all devices is 2.5µs.
The MAX154/MAX158 also feature a 2.5V on-chip refer-
ence, forming a complete high-speed data acquisition
system.
All four converters include a built-in track/hold, eliminat-
ing the need for an external track/hold with many input
signals. The analog input range is 0V to +5V, although
the ADC operates from a single +5V supply.
Microprocessor interfaces are simplified by the ADC’s
ability to appear as a memory location or I/O port without
the need for external logic. The data outputs use latched,
three-state buffer circuitry to allow direct connection to a
microprocessor data bus or system input port.
The MX7824 and MX7828 are pin compatible with
Analog Devices’ AD7824 and AD7828. The MAX154
and MAX158, which feature internal references, are also
compatible with these products.
________________________Applications
Digital Signal Processing
High-Speed Data Acquisition
Telecommunications
High-Speed Servo Control
Audio Instrumentation
____________________________Features
o One-Chip Data Acquisition System
o Four or Eight Analog Input Channels
o 2.5µs per Channel Conversion Time
o Internal 2.5V Reference (MAX154/MAX158 only)
o Built-In Track/Hold Function
o 1/2LSB Error Specification
o Single +5V Supply Operation
o No External Clock
o New Space-Saving SSOP Package
______________Ordering Information
CMOS, High-Speed, 8-Bit ADCs
with Multiplexer
________________________________________________________________
Maxim Integrated Products
1
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
VDD
NC
A0
A1
AIN1
AIN2
AIN3
AIN4
TOP VIEW
DB7
( ) ARE FOR MAX154/MAX158 ONLY.
DB6
DB5
DB4
DB2
DB1
DB0
TP (REF OUT)
16
15
14
13
9
10
11
12
CS
RDY
VREF+
VREF-
GND
INT
RD
DB3
DIP/SO/SSOP
MAX154
MX7824
28
27
26
25
24
23
22
21
1
2
3
4
5
6
7
8
AIN7
AIN8
VDD
A0
AIN3
AIN4
AIN5
AIN6
A1
A2
DB7
DB6
DB0
TP (REF OUT)
AIN1
AIN2
20
19
18
17
9
10
11
12
DB5
DB4
CS
RDY
RD
DB3
DB2
DB1
DIP/SO/SSOP
MAX158
MX7828
16
15
13
14
VREF+
VREF-
GND
INT
__________________________________________________________Pin Configurations
Call toll free 1-800-998-8800 for free samples or literature.
19-0255; Rev 2; 4/94
PART
MX7824LN
MX7824KN
MX7824LCWG
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
24 Narrow
Plastic DIP
24 Narrow
Plastic DIP
24 Wide SO
MX7824KCWG
MX7824LCAG
MX7824KCAG
0°C to +70°C
0°C to +70°C
0°C to +70°C
24 Wide SO
24 SSOP
24 SSOP
Ordering Information continued on last page.
ERROR
(LSB)
±1/2
±1
±1/2
±1
±1/2
±1


Similar Part No. - MX7828CQ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX7820BQ MAXIM-MX7820BQ Datasheet
439Kb / 12P
CMOS High Speed 8Bit A/D Converter with Refrence and Track/Hold Function
Rev 1; 8/93
MX7820CQ MAXIM-MX7820CQ Datasheet
439Kb / 12P
CMOS High Speed 8Bit A/D Converter with Refrence and Track/Hold Function
Rev 1; 8/93
MX7820KCWP MAXIM-MX7820KCWP Datasheet
439Kb / 12P
CMOS High Speed 8Bit A/D Converter with Refrence and Track/Hold Function
Rev 1; 8/93
MX7820KN MAXIM-MX7820KN Datasheet
439Kb / 12P
CMOS High Speed 8Bit A/D Converter with Refrence and Track/Hold Function
Rev 1; 8/93
MX7820LCWP MAXIM-MX7820LCWP Datasheet
439Kb / 12P
CMOS High Speed 8Bit A/D Converter with Refrence and Track/Hold Function
Rev 1; 8/93
More results

Similar Description - MX7828CQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC151 TI-CD74HC151 Datasheet
42Kb / 7P
High Speed CMOS Logic 8-Input Multiplexer
logo
Wolfson Microelectronic...
WM0834 WOLFSON-WM0834 Datasheet
684Kb / 16P
8-Bit ADCs with Serial Interface and Configurable Input Multiplexer
logo
Analog Devices
AD7824 AD-AD7824 Datasheet
270Kb / 16P
LC2MOS High Speed 4- & 8-Channel 8-Bit ADCs
1/03-Data Sheet changed from REV. E to REV. F.
logo
Maxim Integrated Produc...
MAX154 MAXIM-MAX154 Datasheet
153Kb / 12P
CMOS High-Speed 8-Bit ADCs with Multiplexer and Reference
19-0892; Rev 3; 12/96
logo
Texas Instruments
CD54HC151 TI-CD54HC151 Datasheet
267Kb / 12P
High-Speed CMOS Logic 8-Input Multiplexer
logo
List of Unclassifed Man...
QS32390 ETC1-QS32390 Datasheet
530Kb / 6P
High-Speed CMOS QuickSwitch 16:8 Multiplexer
logo
Linear Technology
LTC2444 LINER-LTC2444 Datasheet
261Kb / 28P
24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
logo
Texas Instruments
CD54HC151 TI-CD54HC151_07 Datasheet
411Kb / 14P
High-Speed CMOS Logic 8-Input Multiplexer
logo
Linear Technology
LTC2445 LINER-LTC2445_15 Datasheet
307Kb / 28P
24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
LTC2448 LINER-LTC2448_15 Datasheet
307Kb / 28P
24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com