Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX7828CQ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MX7828CQ
Description  CMOS, High-Speed, 8-Bit ADCs with Multiplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7828CQ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MX7828CQ Datasheet HTML 1Page - Maxim Integrated Products MX7828CQ Datasheet HTML 2Page - Maxim Integrated Products MX7828CQ Datasheet HTML 3Page - Maxim Integrated Products MX7828CQ Datasheet HTML 4Page - Maxim Integrated Products MX7828CQ Datasheet HTML 5Page - Maxim Integrated Products MX7828CQ Datasheet HTML 6Page - Maxim Integrated Products MX7828CQ Datasheet HTML 7Page - Maxim Integrated Products MX7828CQ Datasheet HTML 8Page - Maxim Integrated Products MX7828CQ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CMOS, High-Speed, 8-Bit ADCs
with Multiplexer
4
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
2.520
2.480
-50
150
REFERENCE TEMPERATURE
DRIFT (MAX154/MAX158 ONLY)
2.490
2.510
AMBIENT TEMPERATURE (°C)
2.500
100
050
20
0
-100
150
OUTPUT CURRENT
vs. TEMPERATURE
4
12
16
AMBIENT TEMPERATURE (°C)
8
100
-50
0
50
VDD = 5V
ISOURCE VOUT = 2.4V
ISINK VOUT = 0.4V
2.0
0
300
900
ACCURACY vs. DELAY BETWEEN
CONVERSIONS (tp)
0.5
1.0
1.5
tp (ns)
700
800
400
500
600
VDD = 5V
VREF = 5V
2.0
0
05
ACCURACY vs. VREF
(VREF = VREF+ - VREF-)
0.5
1.0
1.5
VREF (V)
34
12
VDD = 5V
3k
3k
100pF
DGND
DBN
a. High-Z to VOH
b. High-Z to VOL
DBN
+5V
DGND
100pF
3k
3k
10pF
DGND
DBN
a. VOH to High-Z
b. VOL to High-Z
DBN
+5V
DGND
10pF
8
2
-100
150
POWER-SUPPLY CURRENT vs. TEMPERATURE
(NOT INCLUDING REFERENCE LADDER)
3
4
5
6
7
AMBIENT TEMPERATURE (°C)
50
100
-50
0
VDD = 5.25V
VDD = 5V
VDD = 4.75V
Figure 1. Load Circuits for Data-Access Time Test
Figure 2. Load Circuits for Data-Hold Time Test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com