Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF01CSA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # REF01CSA
Description  5V, 10V Precision Voltage References
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

REF01CSA Datasheet(HTML) 8 Page - Maxim Integrated Products

  REF01CSA Datasheet HTML 1Page - Maxim Integrated Products REF01CSA Datasheet HTML 2Page - Maxim Integrated Products REF01CSA Datasheet HTML 3Page - Maxim Integrated Products REF01CSA Datasheet HTML 4Page - Maxim Integrated Products REF01CSA Datasheet HTML 5Page - Maxim Integrated Products REF01CSA Datasheet HTML 6Page - Maxim Integrated Products REF01CSA Datasheet HTML 7Page - Maxim Integrated Products REF01CSA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
+5V, +10V Precision
Voltage References
Ordering Information (continued)
Pin Configuration
PART
REF01EJ*
REF01HF*
REF01CJ*
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
MAX. TEMPCO
(ppm/°C)
8.5
25
65
8 TO-99
±30
±50
±100
REF01CP-2*
REF01AJ*
REF01J*
-55°C to +125°C
-55°C to +125°C
0°C to +70°C
65
8.5
25
±100
±30
±50
REF01AZ*
REF02EJ*
REF02HJ*
0°C to +70°C
0°C to +70°C
-55°C to +125°C
8.5
8.5
25
±15
±15
±25
REF02CJ*
REF02DJ*
REF02HZ*
0°C to +70°C
0°C to +70°C
0°C to +70°C
65
250
25
±50
±100
±25
REF02DP*
REF02DSA*
REF02AJ*
0°C to +70°C
250
±100
-55°C to +125°C
0°C to +70°C
250
8.5
±100
±15
REF02J*
REF02AZ*
-55°C to +125°C
-55°C to +125°C
25
8.5
±25
±15
INITIAL ERROR
(mV)
8 TO-99
8 TO-99
8 Plastic DIP
8 TO-99
8 TO-99
8 Hermetic DIP
8 TO-99
8 TO-99
8 TO-99
8 TO-99
8 Hermetic DIP
8 Plastic DIP
8 SO
8 TO-99
8 TO-99
8 Hermetic DIP
PIN-PACKAGE
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
8 _____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 1999 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
REF01HZ*
0°C to +70°C
25
±50
8 Hermetic DIP
*Contact factory for availability.
*NOTE: Pin 3 is N.C. (No Connection) on REF01, TEMP Output on REF02.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com