Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF01CSA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # REF01CSA
Description  5V, 10V Precision Voltage References
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

REF01CSA Datasheet(HTML) 3 Page - Maxim Integrated Products

  REF01CSA Datasheet HTML 1Page - Maxim Integrated Products REF01CSA Datasheet HTML 2Page - Maxim Integrated Products REF01CSA Datasheet HTML 3Page - Maxim Integrated Products REF01CSA Datasheet HTML 4Page - Maxim Integrated Products REF01CSA Datasheet HTML 5Page - Maxim Integrated Products REF01CSA Datasheet HTML 6Page - Maxim Integrated Products REF01CSA Datasheet HTML 7Page - Maxim Integrated Products REF01CSA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Output Adjustment
The REF01 trim terminal can be used to adjust the volt-
age over a 10V±300mV range. This feature allows the
system designer to trim system errors by setting the ref-
erence to a voltage other than 10V, including 10.240V
for binary applications (see the Typical Operating
Circuit section).
Adjustment of the output does not significantly affect
the temperature performance of the device. The tem-
perature coefficient change is approximately
0.7ppm/°C for 100mV of output adjustment.
+5V, +10V Precision
Voltage References
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—REF01
(VIN = +15V, TA = TMIN to TMAX, unless otherwise noted.)
ELECTRICAL CHARACTERISTICS—REF01 (continued)
(VIN = +15V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com