Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF02EZ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # REF02EZ
Description  5V, 10V Precision Voltage References
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

REF02EZ Datasheet(HTML) 4 Page - Maxim Integrated Products

  REF02EZ Datasheet HTML 1Page - Maxim Integrated Products REF02EZ Datasheet HTML 2Page - Maxim Integrated Products REF02EZ Datasheet HTML 3Page - Maxim Integrated Products REF02EZ Datasheet HTML 4Page - Maxim Integrated Products REF02EZ Datasheet HTML 5Page - Maxim Integrated Products REF02EZ Datasheet HTML 6Page - Maxim Integrated Products REF02EZ Datasheet HTML 7Page - Maxim Integrated Products REF02EZ Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
+5V, +10V Precision
Voltage References
4
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS—REF02
Input Voltage
REF02, A, E, H, All DICE ...................................................40V
REF02C, D..........................................................................30V
Power Dissipation
T099 (J) (Derate at 7.1mW°C above 80°C).................500mW
CERDIP (2) (Derate at 6.7mW°C above 75°C) ...........500mW
Plastic Dip (P) (Derate at 5.6mW°C above 36°C) .......500mW
Small Outline (S) (Derate at 5.0mW°C above 55°C) ...300mW
Storage Temperature Range .............................-65°C to +150°C
Operating Temperature Range
REF02A, REF02 ............................................-55°C to +125°C
REF02E, REF02H (Except REF02CESA)
........0°C to +70°C
REF02C (except REF02CESA), REF02D ...........0°C to +70°C
REF02CESA ........................................................-40°C to +85°C
Lead Temperature (Soldering, 60s).................................+300°C
DICE Junction Temperature (Tj) ........................-65°C to +150°C
Output Short-Circuit Duration
(to Ground or VIN).....................................................Indefinite
ELECTRICAL CHARACTERISTICS—REF01
(VIN = +15V, -55°C
≤ TA = +125°C for REF02A and REF02, 0°C ≤ TA ≤ +70°C for REF02E and REF02H, IL = 0mA, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS—REF02
(VIN = +15V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com