Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF02EZ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # REF02EZ
Description  5V, 10V Precision Voltage References
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

REF02EZ Datasheet(HTML) 1 Page - Maxim Integrated Products

  REF02EZ Datasheet HTML 1Page - Maxim Integrated Products REF02EZ Datasheet HTML 2Page - Maxim Integrated Products REF02EZ Datasheet HTML 3Page - Maxim Integrated Products REF02EZ Datasheet HTML 4Page - Maxim Integrated Products REF02EZ Datasheet HTML 5Page - Maxim Integrated Products REF02EZ Datasheet HTML 6Page - Maxim Integrated Products REF02EZ Datasheet HTML 7Page - Maxim Integrated Products REF02EZ Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
General Description
The REF01 and REF02 are precision voltage references
that are pretrimmed to within ±3% of +10V and +5V,
respectively. Both references feature excellent tempera-
ture stability (as low as 8.5 ppm/°C worst case), low cur-
rent drain, and low noise. The REF02 also provides a
TEMP pin whose output voltage varies linearly with tem-
perature, making this device suitable for a wide variety of
temperature-sensing and control applications. Both
devices are available from Maxim in the space-saving SO
package, as well as in the standard 8-pin TO-99 and
MINI-DIP packages.
Features
o Pretrimmed to +5V, +10V ±0.3%
o Excellent Temperature Stability: 3ppm/°C
o Low Noise: 10µVp-p (REF02)
o Low Supply Current: 1.4mA max
o Short-Circuit Proof
o Linear Temperature Transducer O/P (REF02)
+5V, +10V Precision
Voltage References
________________________________________________________________ Maxim Integrated Products
1
__________Typical Operating Circuit
19-0887; Rev 1; 8/99
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
PART
REF01EP
REF01EZ
REF01HP
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
MAX TEMPCO
(ppm/°C)
8.5
8.5
25
Ordering Information continued at end of data sheet.
±30
±30
±50
REF01HSA
REF01CP
REF01CSA
0°C to +70°C
0°C to +70°C
0°C to +70°C
25
65
65
±50
±100
±100
REF01CZ
0°C to +70°C
65
±100
REF01Z
REF02EP
REF02EZ
0°C to +70°C
0°C to +70°C
-55°C to +125°C
25
8.5
8.5
±50
±15
±15
REF02HP
0°C to +70°C
25
±25
REF02HSA
REF02CP
0°C to +70°C
0°C to +70°C
25
65
±25
±50
REF02CSA
REF02CZ
0°C to +70°C
0°C to +70°C
65
65
±50
±50
REF02Z
-55°C to +125°C
25
±25
INITIAL ERROR
(mV)
8 Plastic DIP
8 CERDIP
8 Plastic DIP
8 SO
8 Plastic DIP
8 SO
8 CERDIP
8 CERDIP
8 Plastic DIP
8 CERDIP
8 Plastic DIP
8 SO
8 Plastic DIP
8 SO
8 CERDIP
8 CERDIP
PIN-PACKAGE
Applications
A to D Converters
D to A Converters
Digital Voltmeters
Voltage Regulators
Threshold Detectors
Ordering Information
Reference with Trimmed Output
REF01CESA
-40°C to +85°C
65
±100
8 SO
REF02CESA
-40°C to +85°C
65
±50
8 SO


Similar Part No. - REF02EZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
REF02EZ AD-REF02EZ Datasheet
337Kb / 8P
5V Precision Voltage Reference/Temperature Trangsducer
REF02EZ AD-REF02EZ Datasheet
454Kb / 16P
5 V Precision Voltage Reference/Temperature Transducer
7/04-Data Sheet Changed from Rev. E to Rev. F
REF02EZ AD-REF02EZ Datasheet
584Kb / 16P
5 V Precision Voltage Reference/Temperature Transducer
12/05-Rev. H to Rev. I
REF02EZ AD-REF02EZ Datasheet
507Kb / 20P
Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
REF02EZ AD-REF02EZ Datasheet
507Kb / 20P
Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
More results

Similar Description - REF02EZ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6225 MAXIM-MAX6225 Datasheet
181Kb / 12P
Low-Noise, Precision, 2.5V/4.096V/5V Voltage References
Rev 3; 5/98
MAX873 MAXIM-MAX873 Datasheet
298Kb / 8P
Low-Power, Low-Drift, 2.5V/5V/10V Precision Voltage References
Rev 1; 10/92
MAX676 MAXIM-MAX676 Datasheet
774Kb / 12P
CALIBRATED, LOW-DRIFT, 4,096V/5V/10V PRECISION VOLTAGE REFERENCES
Rev 1; 11/94
logo
Analog Devices
ADREF02 AD-ADREF02 Datasheet
734Kb / 6P
10V 5V References
logo
Maxim Integrated Produc...
REF01 MAXIM-REF01_07 Datasheet
108Kb / 9P
5V, 10V Precision Voltage References
Rev 7; 4/07
MAX873 MAXIM-MAX873_07 Datasheet
384Kb / 12P
Low-Power, Low-Drift, 2.5V/5V/10V Precision Voltage References
Rev 3; 6/07
REF01HSA-T MAXIM-REF01HSA-T Datasheet
108Kb / 9P
5V, 10V Precision Voltage References
Rev 7; 4/07
logo
Linear Technology
REF-01 LINER-REF-01_15 Datasheet
125Kb / 8P
Precision Voltage References
logo
Texas Instruments
LM368-10 TI1-LM368-10 Datasheet
399Kb / 10P
Precision Voltage References
logo
Maxim Integrated Produc...
MAX6225 MAXIM-MAX6225_V01 Datasheet
2Mb / 11P
Low-Noise, Precision, 2.5V/4.096V/5V Voltage References
2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com