Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BF908-R Datasheet(PDF) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BF908-R
Description  Dual-gate MOS-FETs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF908-R Datasheet(HTML) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BF908-R_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BF908-R_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BF908-R_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF908-R_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF908-R_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF908-R_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF908-R_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF908-R_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF908-R_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
NXP Semiconductors
Product specification
Dual-gate MOS-FETs
BF908; BF908R
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Device mounted on a printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage
−
12
V
ID
drain current
−
40
mA
±IG1
gate 1 current
−
10
mA
±IG2
gate 2 current
−
10
mA
Ptot
total power dissipation
see Fig.3; note 1
BF908
up to Tamb =50 °C
−
200
mW
BF908R
up to Tamb =40 °C
−
200
mW
Tstg
storage temperature
−65
+150
°C
Tj
operating junction temperature
−
150
°C
Fig.3 Power derating curves.
handbook, halfpage
0
50
100
150
200
250
0
50
100
150
200
BF908
BF908R
P
tot
(mW)
Tamb ( C)
o
MRC275
Rev. 03 - 14 November 2007
3 of 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com