Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BF908-R Datasheet(PDF) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BF908-R
Description  Dual-gate MOS-FETs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF908-R Datasheet(HTML) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BF908-R_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BF908-R_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BF908-R_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF908-R_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF908-R_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF908-R_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF908-R_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF908-R_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF908-R_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NXP Semiconductors
Product specification
Dual-gate MOS-FETs
BF908; BF908R
THERMAL CHARACTERISTICS
Note
1. Device mounted on a printed-circuit board.
STATIC CHARACTERISTICS
Tj =25 °C; unless otherwise specified.
DYNAMIC CHARACTERISTICS
Common source; Tamb =25 °C; VDS =8V; VG2-S =4V; ID = 15 mA; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
BF908
500
K/W
BF908R
550
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
±V(BR)G1-SS gate 1-source breakdown voltage VG2-S =VDS = 0; IG1-S =10mA
8
−
20
V
±V(BR)G2-SS gate 2-source breakdown voltage VG1-S =VDS = 0; IG2-S =10mA
8
−
20
V
−V(P)G1-S
gate 1-source cut-off voltage
VG2-S =4V; VDS =8V; ID =20 µA −−
2V
−V(P)G2-S
gate 2-source cut-off voltage
VG1-S =4V; VDS =8V; ID =20 µA −−
1.5
V
IDSS
drain-source current
VG2-S =4V; VDS =8V; VG1-S = 0
3
1527mA
±IG1-SS
gate 1 cut-off current
VG2-S =VDS = 0; VG1-S =5V
−−
50
nA
±IG2-SS
gate 2 cut-off current
VG1-S =VDS = 0; VG2-S =5V
−−
50
nA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
y
fs
forward transfer admittance
pulsed; Tj =25 °C; f = 1 MHz
36
43
50
mS
Cig1-s
input capacitance at gate 1
f = 1 MHz
2.4
3.1
4
pF
Cig2-s
input capacitance at gate 2
f = 1 MHz
1.2
1.8
2.5
pF
Cos
output capacitance
f = 1 MHz
1.2
1.7
2.2
pF
Crs
reverse transfer capacitance
f = 1 MHz
20
30
45
fF
F
noise figure
f = 200 MHz; GS = 2 mS; BS =BSopt
−
0.6
1.2
dB
f = 800 MHz; GS =GSopt; BS =BSopt
−
1.5
2.5
dB
Rev. 03 - 14 November 2007
4 of 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com