Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6502CMP035-T Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6502CMP035-T
Description  Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23 and TO-220
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6502CMP035-T Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6502CMP035-T Datasheet HTML 1Page - Maxim Integrated Products MAX6502CMP035-T Datasheet HTML 2Page - Maxim Integrated Products MAX6502CMP035-T Datasheet HTML 3Page - Maxim Integrated Products MAX6502CMP035-T Datasheet HTML 4Page - Maxim Integrated Products MAX6502CMP035-T Datasheet HTML 5Page - Maxim Integrated Products MAX6502CMP035-T Datasheet HTML 6Page - Maxim Integrated Products MAX6502CMP035-T Datasheet HTML 7Page - Maxim Integrated Products MAX6502CMP035-T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Low-Cost, +2.7V to +5.5V, Micropower
Temperature Switches in SOT23 and TO-220
_______________________________________________________________________________________
3
0
5
10
15
20
25
30
35
40
-55
5
-25
35
65
95
125
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
0
100
200
300
400
500
600
700
800
-55
5
-25
35
65
95
125
MAX6502/MAX6504
OUTPUT SOURCE RESISTANCE
vs. TEMPERATURE
TEMPERATURE (°C)
VCC = 2.7V
VCC = 5.0V
VCC = 3.3V
0
20
40
60
80
100
120
140
160
-55
5
-25
35
65
95
125
OUTPUT SINK RESISTANCE
vs. TEMPERATURE
TEMPERATURE (°C)
VCC = 2.7V
VCC = 5.0V
VCC = 3.3V
+15°C/div
+100°C
+25°C
SOT23 THERMAL STEP RESPONSE
IN PERFLUORINATED FLUID
MAX6501 TOC4
5sec/div
MOUNTED ON 0.75in2
OF 2 oz. COPPER
0
4
2
8
6
10
12
14
16
-5
15
-25
-45
35
55
75
95
115
HYSTERESIS
vs. TRIP TEMPERATURE
TRIP TEMPERATURE (°C)
MAX6503
MAX6504
HYST = VCC
MAX6501
MAX6502
HYST = VCC
MAX6501
MAX6502
HYST = GND
MAX6503
MAX6504
HYST = GND
+12.5°C/div
+100°C
+25°C
SOT23 THERMAL STEP RESPONSE
IN STILL AIR
MAX6501 TOC5
20sec/div
MOUNTED ON 0.75in2
OF 2 oz. COPPER
TRACE A: TOVER VOLTAGE, RPULL-UP = 100k
Ω
TRACE B: VCC PULSE DRIVEN FROM 3.3V CMOS LOGIC OUTPUT
MAX6501 START-UP AND POWER-DOWN
(T
< TTH)
B
A
MAX6501 TOC07
TRACE A: TOVER VOLTAGE, RPULL-UP = 100k
Ω
TRACE B: VCC PULSE DRIVEN FROM 3.3V CMOS LOGIC OUTPUT
MAX6501 START-UP DELAY
(T
> TTH)
B
A
MAX6501 TOC07A
__________________________________________Typical Operating Characteristics
(VCC = +5V, RPULL-UP = 100k
Ω (MAX6501/MAX6503), TA = +25°C, unless otherwise noted.)
0
10
20
30
40
50
60
-5
-4
-3
-2
-1
0
1
2
3
4
5
TRIP THRESHOLD ACCURACY
ACCURACY (°C)
SAMPLE SIZE = 300



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com