Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6502CMP035-T Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6502CMP035-T
Description  Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23 and TO-220
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6502CMP035-T Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX6502CMP035-T Datasheet HTML 1Page - Maxim Integrated Products MAX6502CMP035-T Datasheet HTML 2Page - Maxim Integrated Products MAX6502CMP035-T Datasheet HTML 3Page - Maxim Integrated Products MAX6502CMP035-T Datasheet HTML 4Page - Maxim Integrated Products MAX6502CMP035-T Datasheet HTML 5Page - Maxim Integrated Products MAX6502CMP035-T Datasheet HTML 6Page - Maxim Integrated Products MAX6502CMP035-T Datasheet HTML 7Page - Maxim Integrated Products MAX6502CMP035-T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Low-Cost, +2.7V to +5.5V, Micropower
Temperature Switches in SOT23 and TO-220
_______________________________________________________________________________________
7
MAX6503_ _N005
MAX6501_ _P075
+5V
HYST
HYST
GND
GND
VCC
GND
GND
VCC
RPULL-UP
100k
TOVER
TUNDER
OUT OF RANGE
MAX6502_ _P075
HYST
GND
GND
+5V
MAX6504_ _N005
GND
GND
HYST
VCC
VCC
TOVER
TUNDER
OUT OF RANGE
OVERTEMP
UNDERTEMP
Figure 4. Temperature-Window Alarms
MAX6502_ _P075
GND
GND
HYST
+5V
MAX6502_ _P045
GND
GND
HYST
VCC
VCC
TOVER
TOVER
TEMPERATURE
FAULT
FAN
CONTROL
µP
HEAT
HEAT
Figure 5. Low-Power, High-Reliability, Fail-Safe Temperature
Monitor
Table 2. Device Marking Codes for SOT23-5 Package
MAX6502UKP115
2.5k
ACFY
MAX6502UKP105
10k
ACFZ
MAX6504UKP015
10k
ADKE
MAX6504UKP005
2.5k
ABZY
MAX6504UKN005
10k
ACAT
MAX6504UKN015
2.5k
ACGD
MAX6504UKN025
10k
ACAV
MAX6504UKN035
10k
ACAW
MAX6504UKN045
10k
ACAX
DEVICE
MINIMUM
ORDER
CODE
MAX6503UKP015
10k
ACAM
MAX6503UKP005
2.5k
ABZX
MAX6503UKN005
10k
ACAN
MAX6503UKN015
2.5k
ACFX
MAX6503UKN025
10k
ACAP
MAX6503UKN035
10k
ACAQ
MAX6503UKN045
10k
ADIZ
MAX6502UKP095
2.5k
ABZW
MAX6502UKP085
2.5k
ACGA
MAX6502UKP075
2.5k
ACGB
MAX6502UKP065
2.5k
ABZV
MAX6502UKP055
2.5k
ACGC
MAX6502UKP045
2.5k
ABZU
MAX6502UKP035
10k
ABZG
MAX6501UKP115
2.5k
ACAG
MAX6501UKP105
10k
ACFU
MAX6501UKP095
2.5k
ABZT
MAX6501UKP085
2.5k
ACDP
MAX6501UKP075
2.5k
ACFV
MAX6501UKP065
2.5k
ABZS
MAX6501UKP055
2.5k
ACFW
MAX6501UKP045
2.5k
ABZR
MAX6501UKP035
10k
ABZF
DEVICE
MINIMUM
ORDER
CODE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com