Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A7623L-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # A7623L-S08-R
Description  DRIVER IC WITH 3 INTERNAL CIRCUITS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

A7623L-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  A7623L-S08-R Datasheet HTML 1Page - Unisonic Technologies A7623L-S08-R Datasheet HTML 2Page - Unisonic Technologies A7623L-S08-R Datasheet HTML 3Page - Unisonic Technologies A7623L-S08-R Datasheet HTML 4Page - Unisonic Technologies A7623L-S08-R Datasheet HTML 5Page - Unisonic Technologies A7623L-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
A7623
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R121-014,A
ABSOLUTE MAXIMUM RATINGS (Ta = 25 )
℃
PARAMETER
SYMBOL
RATINGS
UNIT
Power Supply Voltage
VCC
8.0
V
Power Dissipation
550
mW
Derating Rate at Ta=25
°C
PD
5.5
°C/mW
Operating Temperature
TOPR
-25 ~ +75
°C
Storage Temperature
TSTG
-55 ~ +125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
(Ta = 25°C , VCC = 5V, VIN DC=2.1V and load is two system drive)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating Voltage
VCC
4.5
5.0
5.5
V
Supply Current
ICC
No signal
25.2
37.8
mA
Voltage Gain
GV
f = 1MHz, sine wave ,VIN = 2.0VP-P
-1.0
-0.5
0
dB
Maximum Output Level
VO(MAX) f = 1kHz, sine wave, THD = 1.0%
2.9
3.4
VP-P
Frequency Characteristic
CF
10MHz / 1MHz, sine wave ,VIN = 1.0VP-P
-3
0
1
dB
Inter Channel Crosstalk
CT
f = 4.43MHz, sine wave ,VIN = 2.0VP-P
-60
dB
Total Harmonic Distortion
THD
f = 1kHz, sine wave, VIN = 1.0VP-P
0.1
0.5
%
Differential Gain 75Ω Drive 1
DG1
0.4
1.0
%
Differential Phase 75Ω Drive 1
DP1
0.4
1.0
deg
Differential Gain 75Ω Drive 2
DG2
0.7
2.0
%
Differential Phase 75Ω Drive 2
DP2
VIN = 2.0VP-P, standard staircase signal
0.7
2.0
Deg



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com