Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A7623L-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # A7623L-S08-R
Description  DRIVER IC WITH 3 INTERNAL CIRCUITS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

A7623L-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  A7623L-S08-R Datasheet HTML 1Page - Unisonic Technologies A7623L-S08-R Datasheet HTML 2Page - Unisonic Technologies A7623L-S08-R Datasheet HTML 3Page - Unisonic Technologies A7623L-S08-R Datasheet HTML 4Page - Unisonic Technologies A7623L-S08-R Datasheet HTML 5Page - Unisonic Technologies A7623L-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
A7623
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R121-014,A
2×75Ω DRIVER IC WITH 3
INTERNAL CIRCUITS
DESCRIPTION
The UTC A7623 is a 75Ω driver-IC. It is a follower for
video signals. It can be directly coupled to the previous stage
because there is no internal bias at the input pin. When output
is short to earth the IC enters power-save mode.
FEATURES
* Triple channels.
* Can be directly coupled to the previous circuit.
* Each output can drive two loads (75Ω×2).
* Output short circuit protection.
SOP-8
*Pb-free plating product number: A7623L
ORDERING INFORMATION
Order Number
Normal
Lead Free Plating
Package
Packing
A7623-S08-R
A7623L-S08-R
SOP-8
Tape Reel
A7623-S08-T
A7623L-S08-T
SOP-8
Tube
A7623L-S08-R
(1) Packing Type
(2) Package Type
(3) Lead Plating
(1) R: Tape Reel, T: Tube
(2) S08: SOP-8
(3) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - A7623L-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
A7623L-S08-R UTC-A7623L-S08-R Datasheet
125Kb / 6P
2횞75??DRIVER IC WITH 3 INTERNAL CIRCUITS
More results

Similar Description - A7623L-S08-R

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7622F ROHM-BA7622F Datasheet
77Kb / 7P
75??driver IC with 3 internal circuits
BA7623F ROHM-BA7623F Datasheet
68Kb / 6P
75??driver IC with 3 internal circuits
logo
List of Unclassifed Man...
HX8609A ETC1-HX8609A Datasheet
138Kb / 2P
240 Channel TFT Gate Driver with Internal Power IC
logo
Micrel Semiconductor
MIC3001 MICREL-MIC3001 Datasheet
357Kb / 74P
SFP Management IC with Internal Calibration
logo
Unisonic Technologies
A7623 UTC-A7623 Datasheet
125Kb / 6P
2횞75??DRIVER IC WITH 3 INTERNAL CIRCUITS
logo
Rohm
BD6040GUL ROHM-BD6040GUL Datasheet
210Kb / 2P
Charger Protection IC with Internal FET
logo
Micrel Semiconductor
MIC3003 MICREL-MIC3003 Datasheet
755Kb / 75P
FOM Management IC with Internal Calibration
MIC3003 MICREL-MIC3003_11 Datasheet
755Kb / 75P
FOM Management IC with Internal Calibration
MIC3003GFL MICREL-MIC3003GFL Datasheet
752Kb / 74P
FOM Management IC with Internal Calibration
MIC3002 MICREL-MIC3002_10 Datasheet
1Mb / 65P
FOM Management IC with Internal Calibration
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com