Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1008G-P28-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # M1008G-P28-R
Description  16-BIT CCD/CIS ANALOG SIGNAL PROCESSOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M1008G-P28-R Datasheet(HTML) 1 Page - Unisonic Technologies

  M1008G-P28-R Datasheet HTML 1Page - Unisonic Technologies M1008G-P28-R Datasheet HTML 2Page - Unisonic Technologies M1008G-P28-R Datasheet HTML 3Page - Unisonic Technologies M1008G-P28-R Datasheet HTML 4Page - Unisonic Technologies M1008G-P28-R Datasheet HTML 5Page - Unisonic Technologies M1008G-P28-R Datasheet HTML 6Page - Unisonic Technologies M1008G-P28-R Datasheet HTML 7Page - Unisonic Technologies M1008G-P28-R Datasheet HTML 8Page - Unisonic Technologies M1008G-P28-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
UNISONIC TECHNOLOGIES CO., LTD
M1008
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 11
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R502-434.a
16-BIT CCD/CIS ANALOG
SIGNAL PROCESSOR
DESCRIPTION
The M1008 is a 16-bit CCD/CIS analog signal processor for
imaging applications. A 3-channel architecture is designed to sample
and control the outputs of tri-linear color CCD arrays. Each channel
processes one color analog signal and includes an input clamp,
Correlated Double Sampler (CDS), offset DAC and Programmable
Gain Amplifier (PGA), and a 16-bit A/D converter.
If there are sensors such as Contact Image Sensors (CIS) and
CMOS active pixel sensors, the CDS amplifiers are not necessary.
The 16-bit digital output is composed of high and low 8-bit
output and is assessed by two reading cycles. The internal registers
are programmed by a 3-wire serial interface which provides gain,
offset and operating mode adjustments.
The typical operation power of M1008 is 400mW in 5V power
supply.
FEATURES
* 400mW In 5V Operation Supply
* Under 2mA Power-Down Mode
* Built-In16-Bit 30 Msps A/D Converter
* No Missing Codes
* Input Clamp Circuitry
* Correlated Double Sampling
* Programmable Gain
* 250mV Programmable Offset
* Built-In Voltage Reference
* Programmable 3-Wire Serial Interface
* 3V/5V Digital I/O Compatibility
* Up To 25 Msps In 1-Channel Operation
* Up To 30 Msps In 2-Channel (Even-Odd) Operation
* Up To 30 Msps In 3-Channel Operation
ORDERING INFORMATION
Ordering Number
Package
Packing
M1008G-P28-T
TSSOP-28
Tube
M1008G-P28-R
TSSOP-28
Tape Reel
M1008G-P28-T
(1) Packing Type
(2) Package Type
(3) Halogen Free
(1) T: Tube, R: Tape Reel
(2) P28: TSSOP-28
(3) G: Halogen Free
TSSOP-28


Similar Part No. - M1008G-P28-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M1008G-P28-R UTC-M1008G-P28-R Datasheet
372Kb / 11P
16-BIT CCD/CIS ANALOG SIGNAL PROCESSOR
More results

Similar Description - M1008G-P28-R

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82V26 HOLTEK-HT82V26 Datasheet
175Kb / 16P
16-Bit CCD/CIS Analog Signal Processor
June 24, 2004
HT82V36 HOLTEK-HT82V36 Datasheet
123Kb / 10P
16-Bit CCD/CIS Analog Signal Processor
June 29, 2004
HT82V16 HOLTEK-HT82V16 Datasheet
139Kb / 12P
16-Bit CCD/CIS Analog Signal Processor
June 7, 2001
HT82V26A HOLTEK-HT82V26A Datasheet
196Kb / 17P
16-Bit CCD/CIS Analog Signal Processor
August 16, 2005
HT82V38 HOLTEK-HT82V38 Datasheet
137Kb / 16P
16-Bit CCD/CIS Analog Signal Processor
July 23, 2009
HT82V42 HOLTEK-HT82V42_10 Datasheet
413Kb / 24P
Single-channel 16-Bit CCD/CIS Analog Signal Processor
December 8, 2010
logo
Unisonic Technologies
M1008 UTC-M1008 Datasheet
372Kb / 11P
16-BIT CCD/CIS ANALOG SIGNAL PROCESSOR
logo
Holtek Semiconductor In...
HT82V26A HOLTEK-HT82V26A_12 Datasheet
176Kb / 17P
16-Bit CCD/CIS Analog Signal Processor
February 8, 2012
HT82V36 HOLTEK-HT82V36_08 Datasheet
145Kb / 12P
16-Bit CCD/CIS Analog Signal Processor
November 10, 2008
HT82V38 HOLTEK-HT82V38_14 Datasheet
164Kb / 16P
16-Bit CCD/CIS Analog Signal Processor
August 13, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com