Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7612-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # M7612-S08-R
Description  VIDEO SIGNAL SWITCHER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M7612-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  M7612-S08-R Datasheet HTML 1Page - Unisonic Technologies M7612-S08-R Datasheet HTML 2Page - Unisonic Technologies M7612-S08-R Datasheet HTML 3Page - Unisonic Technologies M7612-S08-R Datasheet HTML 4Page - Unisonic Technologies M7612-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
M7612
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4
www.unisonic.com.tw
QW-R124-004,A
TEST CIRCUIT
1
2
34
5
678
V
A
Vcc
Vcc
1
2 3
1
2 3
SW4
SW5
OSC
50Ω
1µF
1µF
SW2
12
OSC
50Ω
1µF
1µF
12
SW3
47µF
0.022µF
+
2
1
SW1
1µF
50Ω
OSC
1µF
Vcc
PP
75
43
+
1000µ
UTC M7612
TEST NOTES
1. The output impedance is approximately 32Ω. Therefore, to ensure output matching, connect an external resistor
of 43Ω.
2. Connect a distortion meter to the output, and input a f = 1kHz sine wave. Adjust the input level until the output
distortion is 0.5%. This output voltage at this time multiplied by 2 is the maximum output level Vom (VP-P).
3. Input a 1VP-P, 1MHz sine wave. The voltage gain is given by GV = 20 log (VOUT / VIN) + 6.
4. Input a 1VP-P, 4.43MHz sine wave. The interchannel crosstalk is given by CT = 20 log (VOUT / VIN).
5. Input 1VP-P, 1MHz and 10MHz sine waves.
The frequency characteristic is given by GF= 20 log (VOUT (f = 10MHz) / VOUT (f = 1MHz)).
6. Input a 1VP-P, 1MHz sine wave. Reduce the CTL pin voltage from VCC. The CTL pin switching level (VTH) is the
CTL pin voltage at which the VOUT level drops below 20mVP-P.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com