Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7612-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # M7612-S08-R
Description  VIDEO SIGNAL SWITCHER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M7612-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  M7612-S08-R Datasheet HTML 1Page - Unisonic Technologies M7612-S08-R Datasheet HTML 2Page - Unisonic Technologies M7612-S08-R Datasheet HTML 3Page - Unisonic Technologies M7612-S08-R Datasheet HTML 4Page - Unisonic Technologies M7612-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO.,
M7612
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1
Copyright © 2005 Unisonic Technologies Co.,
QW-R124-004,A
VIDEO SIGNAL SWITCHER
DESCRIPTION
The UTC M7612 is three-channel analog multiplexes
and designed for use in TV and video cassette recorders.
It is characterized by a large dynamic range and wide
operating frequency range.
FEATURES
*3-input / 1-output switches.
*Built-in mute 6dB amplifier and 75Ω driver.
*Large input impedance (20kΩ Typ.).
*Wide operating supply voltage range
(4.5V ~ 13.0V for SIP-8 package)
(4.5V ~ 9.5V for SOP-8 package).
*Low power dissipation (103mW Typ.).
*Excellent frequency characteristics (10MHz, 0dB Typ.).
*Wide dynamic range (3.5VP-P Typ.).
*Low interchannel crosstalk (– 65dB Typ., f = 4.43MHz).
SIP-8
SOP-8
*Pb-free plating product number: M7612L
ORDERING INFORMATION
Ordering Number
Normal
Lead Free Plating
Package
Packing
M7612-S08-T
M7612L-S08-T
SOP-8
Tube
M7612-S08-R
M7612L-S08-R
SOP-8
Tape Reel
M7612-G08-T
M7612L-G08-T
SIP-8
Tube


Similar Part No. - M7612-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M7612-S08-R UTC-M7612-S08-R Datasheet
118Kb / 5P
VIDEO SIGNAL SWITCHER
More results

Similar Description - M7612-S08-R

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7021 ROHM-BA7021 Datasheet
67Kb / 3P
Video signal switcher
BA7602 ROHM-BA7602 Datasheet
75Kb / 6P
Video signal switcher
BA7603 ROHM-BA7603 Datasheet
77Kb / 6P
Video signal switcher
BA7605N ROHM-BA7605N Datasheet
60Kb / 5P
Video signal switcher
BA7606 ROHM-BA7606 Datasheet
82Kb / 6P
Video signal switcher
BA7607 ROHM-BA7607 Datasheet
89Kb / 7P
Video signal switcher
BA7611AN ROHM-BA7611AN Datasheet
57Kb / 4P
Video signal switcher
BA7612N ROHM-BA7612N Datasheet
57Kb / 5P
Video signal switcher
BA7649A ROHM-BA7649A Datasheet
65Kb / 5P
Video signal switcher
BA7001 ROHM-BA7001 Datasheet
64Kb / 3P
Video signal switcher
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com