Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U7SB3157L-SM2-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U7SB3157L-SM2-R
Description  SPDT Analog Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U7SB3157L-SM2-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U7SB3157L-SM2-R Datasheet HTML 1Page - Unisonic Technologies U7SB3157L-SM2-R Datasheet HTML 2Page - Unisonic Technologies U7SB3157L-SM2-R Datasheet HTML 3Page - Unisonic Technologies U7SB3157L-SM2-R Datasheet HTML 4Page - Unisonic Technologies U7SB3157L-SM2-R Datasheet HTML 5Page - Unisonic Technologies U7SB3157L-SM2-R Datasheet HTML 6Page - Unisonic Technologies U7SB3157L-SM2-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
U7SB3157
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R502-604.a
ELECTRICAL CHARACTERISTICS(Ta = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
ANALOG SWITCH
V+=1.65V
VNO or VNC=0~V+ ICOM=-4mA
140
Ω
V+=2.3V
VNO or VNC=0~V+ ICOM=-8mA
45
Ω
V+=3V
VNO or VNC=0~V+ ICOM=-24mA
18
Ω
Switch On Resistance
RON
V+ = 4.5V
VNO or VNC=0~V+ ICOM=-30mA
10
Ω
V+=1.65V
VNO or VNC=1.15V, ICOM=-4mA
1
Ω
V+=2.3V
VNO or VNC=1.6V, ICOM=-8mA
0.5
Ω
V+=3V
VNO or VNC=2.1V, ICOM=-24mA
0.2
Ω
On Resistance Match
Between Channel
ΔRON
V+ = 4.5V
VNO or VNC=3.15V,ICOM=-30mA
0.15
Ω
V+=1.65V
VNO or VNC=0~V+ ICOM=-4mA
110
Ω
V+=2.3V
VNO or VNC=0~V+ ICOM=-8mA
27
Ω
V+=3V
VNO or VNC=0~V+ ICOM=-24mA
9
Ω
On Resistance Flatness
RON(flat)
V+ = 4.5V
VNO or VNC=0~V+ ICOM=-30mA
4
Ω
V+=1.95V
VNO or VNC=0~V+ , VCOM=0~V+
-1
0.05
1
uA
V+=2.7V
VNO or VNC=0~V+ , VCOM=0~V+
-1
0.05
1
uA
V+=3.6V
VNO or VNC=0~V+ ,VCOM=0~V+
-1
0.05
1
uA
NC,NO
OFF Leakage Current
INC(OFF)
INO(OFF)
V+ = 5.5V
VNO or VNC=0~V+ , VCOM=0~V+
-1
0.05
1
uA
V+=1.95V
VNO or VNC=0~V+ ,VCOM=OPEN
-0.1
0.1
uA
V+=2.7V
VNO or VNC=0~V+ ,VCOM=OPEN
-0.1
0.1
uA
V+=3.6V
VNO or VNC=0~V+ ,VCOM=OPEN
-0.1
0.1
uA
NC,NO
ON Leakage Current
INC(ON)
INO(ON)
V+ = 5.5V
VNO or VNC=0~V+ , VCOM=OPEN
-0.1
0.1
uA
V+=1.95V
VNO or VNC=OPEN, VCOM=0~V+
-0.1
0.1
uA
V+=2.7V
VNO or VNC=OPEN, VCOM=0~V+
-0.1
0.1
uA
V+=3.6V
VNO or VNC=OPEN, VCOM=0~V+
-0.1
0.1
uA
COM
ON Leakage Current
ICOM(ON)
V+ = 5.5V
VNO or VNC=OPEN,VCOM=0~V+
-0.1
0.1
uA
DIGTAL INPUTS(IN1,IN2)
Input Logic High
VIH
V+=1.65V~5.5V
0.7V+
V
Input Logic Low
VIL
V+=1.65V~5.5V
0.3V+
V
Input Leakage Current
IIH,IIL
V+=1.65V~5.5V
VIN=5.5V or 0
-1
0.05
1
uA
SUPPLY
Quiescent Supply Current
I+
V+=1.65V~5.5V
VIN= V+ or GND
1
μA
Additional Quiescent Supply
Current
△
I+
V+=1.65V~5.5V
VIN= V+ - 0.6V
500
uA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com